Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22K-K Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22K-K
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22K-K Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22K-K Datasheet HTML 1Page - Omron Electronics LLC A22K-K Datasheet HTML 2Page - Omron Electronics LLC A22K-K Datasheet HTML 3Page - Omron Electronics LLC A22K-K Datasheet HTML 4Page - Omron Electronics LLC A22K-K Datasheet HTML 5Page - Omron Electronics LLC A22K-K Datasheet HTML 6Page - Omron Electronics LLC A22K-K Datasheet HTML 7Page - Omron Electronics LLC A22K-K Datasheet HTML 8Page - Omron Electronics LLC A22K-K Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A22E
Model Number Structure
■ Model Number Legend
Completely Assembled
Shipped as a set which includes the Operation Unit, Lamp (lighted models only), and Switch.
1
2
3
4
5
L
MP
LP
S
M
L
SK
MK
6D
6 VDC
6A
6 VAC
12A
12 VAC/VDC
24A
24 VAC/VDC
T1
100 VAC
T2
200 VAC
01
11
02
A22E
@-@-@-@-@
1. Lighted/Non-lighted
Code
Description
None Non-lighted
Lighted (See note.)
2. Head Size
Code
Push-pull
Large
60 dia.
Small
30 dia.
Medium
40 dia.
Large
60 dia.
Small
30 dia.
Medium
40 dia.
3. Light Source
Code
Operating Voltage
None Non-lighted
LED
With Voltage Reduction Unit
None Non-lighted
LED
Without Voltage Reduction Unit
4. Contacts
Code
Description
SPST-NC
SPST-NO + SPST-NC
DPST-NC
Note: Lighted Emergency Stop
Switches are available only
for the medium (M). push-
lock turn-reset models.
Note: 1 The LED lamp (24 VAC/VDC) can be
lit by directly applying 110 VAC/VDC
(220 VAC/VDC) to the lamp terminal.
LED incorporates the 24-VAC/VDC
models.
2. Equipped with 24-VAC/DC LED.
None
B
5. Configuration
Code
Configuration
Switch only
Switch with Integrated
Control Box
Description
Size
Medium
40 dia.
Push-lock turn-reset
Push-lock key reset
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22K-K

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A22K NKK-A22K Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
A22K1B NKK-A22K1B Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A22K1B ETC2-A22K1B Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
logo
Nihon Kaiheiki Industry...
A22K1B-CA NKK-A22K1B-CA Datasheet
256Kb / 7P
   General Specifications
A22K1B-CB NKK-A22K1B-CB Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - A22K-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com