Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22K-K Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22K-K
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22K-K Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22K-K Datasheet HTML 5Page - Omron Electronics LLC A22K-K Datasheet HTML 6Page - Omron Electronics LLC A22K-K Datasheet HTML 7Page - Omron Electronics LLC A22K-K Datasheet HTML 8Page - Omron Electronics LLC A22K-K Datasheet HTML 9Page - Omron Electronics LLC A22K-K Datasheet HTML 10Page - Omron Electronics LLC A22K-K Datasheet HTML 11Page - Omron Electronics LLC A22K-K Datasheet HTML 12Page - Omron Electronics LLC A22K-K Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
A22E
Specifications
■ Certified Standard Ratings
• UL, cUL (File No.E41515)
6A at 220 VAC, 10 A at 110 VAC
• TÜV (EN60947-5-1) (Low Voltage Directive)
3 A at 220VAC
• CCC (GB14048.5)
3 A at 240 VAC, 1.5 A at 24 VDC
■ Certified Standards
Note: 1. Only models with NC contacts have a direct opening mechanism.
2. UL-certification for CSA C22.2 No. 14 and bears the
mark.
3. Some models have been certified. Contact your OMRON sales representative.
■ Ratings
Contacts (Standard Load)
Note: 1. Rated current values are determined according to the
testing conditions. The above ratings were obtained by
conducting tests under the following conditions.
(1) Ambient temperature: 20
2 C
(2) Ambient humidity: 65 5%
(3) Operating frequency: 20 operations/minute
2. Minimum applicable load: 10 mA at 5 VDC
LED Indicators without Voltage
Reduction Unit
Item
Appearance
Classification
Model
Remarks
E-stop Shroud
---
A22Z-EG1
SEMI-S2/SEMATECH Application Guide
for SEMI-S2-compatibility. The SEMI-S2-
compatible Shroud and legend plate for
EMERGENCY OFF come as a set. Use
with an A22E Emergency Stop Switch.
E-stop Shroud
---
A22Z-EG2
SEMI-S2/SEMATECH Application Guide
for SEMI S2-compatible Shroud. Use
together with an A22E Emergency Stop
Switch.
Certification body
Standards
File No.
UL (See note 2.)
UL508
E41515
TÜV Product Service EN60947-5-1,
EN60947-5-5
(certified direct opening
mechanism)
Inquire
CQC (CCC)
GB14048.5
2003010303070635
KOSHA (See note 3.) EN60947-5-1
2004-220
Rated
carry
current
Rated
voltage
Rated current (A)
AC15
(induc-
tive load)
AC12
(resistive
load)
DC13
(induc-
tive load)
DC12
(resistive
load)
10 A
24 VAC
1010---
---
110 VAC 5
10
220 VAC 3
6
380 VAC 2
3
440 VAC 1
2
24 VDC
---
---
1.5
10
110 VDC
0.5
2
220 VDC
0.2
0.6
380 VDC
0.1
0.2
Rated voltage
Rated current
Operating voltage
6 VDC
60 mA
6 VDC 5%
6 VAC
60 mA
6 VAC/VDC 5%
12 VAC/VDC
30 mA
12 VAC/VDC 5%
24 VAC/VDC
15 mA
24 VAC/VDC 5%
http://www.ia.omron.com/
9
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22K-K

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A22K NKK-A22K Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
A22K1B NKK-A22K1B Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A22K1B ETC2-A22K1B Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
logo
Nihon Kaiheiki Industry...
A22K1B-CA NKK-A22K1B-CA Datasheet
256Kb / 7P
   General Specifications
A22K1B-CB NKK-A22K1B-CB Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - A22K-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com