Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22Z-3380 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A22Z-3380
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3380 Datasheet(HTML) 5 Page - Omron Electronics LLC

  A22Z-3380 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3380 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
A22E
■ Subassembled
The Operation Unit, Lamp, or Switch can be ordered separately. Use them in combination for models that are not available as assembled Units.
These can also be used as inventory for maintenance parts.
Note: Up to three Switch Units can be mounted for multiple contacts.
Operation Unit
● Non-lighted
● Lighted (wituout Voltage Reduction Unit)
● Lighted (with Voltage Reduction Unit)
Switch (See note.)
Operation Unit
Operation Unit
Lamp
Lamp
Switch (withtout Voltage Reduction Unit)
Switch (with Voltage Reduction Unit)
Incandescent
LED
LED
http://www.ia.omron.com/
5
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22Z-3380

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3380 OMRON-A22Z-3380 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22Z-3380

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com