Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD7V0D5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ESD7V0D5
Description  Halogen free available upon request by adding suffix "-HF"||" "586347
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESD7V0D5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ESD7V0D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESD7V0D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESD7V0D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Max. Capacitance @VR=0 and f =1MHz
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, V
F = 0.9 V Max. @ IF = 10mA for all types)
V
RWM (V)
I
R (μA)
@ V
RWM
V
BR (V) @
I
T(Note 2)
I
T
VC
@IPP
+ =
5 A
I
PP(A)
+
V
C (V) @Max
I
PP
+
P
pk
+ (W)
C (pF)
Device*
Device
Marking
Max
Max
Min
mA
V
Max
Max
Max
Typ
ESD3V3D5
ZE
3.3
0.08
5.0
1.0
9.4
11.2
14.1
158
105
ESD5V0D5
ZF
5.0
0.08
6.2
1.0
11.6
9.4
18.6
174
80
ESD7V0D5
ZH
7.0
0.03
7.5
1.0
13.5
8.8
22.7
200
65
ESD12VD5
ZM
12
0.02
14.1
1.0
23
9.6
29
240
55
+Surge current waveform per Figure 1.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
TYPICAL CHARACTERISTICS
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision: C
2013/01/01


Similar Part No. - ESD7V0D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD7V0D5 MCC-ESD7V0D5 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD7V0D5 MCC-ESD7V0D5 Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices For space saving application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com