Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5V0D5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ESD5V0D5
Description  Halogen free available upon request by adding suffix "-HF"||" "586347
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESD5V0D5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ESD5V0D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESD5V0D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESD5V0D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
Revision: C
2013/01/01
2
Device
Packing
Part Number-TP
Tape&Reel: 8Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Similar Part No. - ESD5V0D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD5V0D5 MCC-ESD5V0D5 Datasheet
284Kb / 3P
   3.3V~12Volts ESD Protection Devices
ESD5V0D5 MCC-ESD5V0D5 Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices For space saving application
logo
Bruckewell Technology L...
ESD5V0D5 BWTECH-ESD5V0D5 Datasheet
285Kb / 3P
   Plastic-Encapsulate Diodes
logo
Shanghai Yint Electroni...
ESD5V0D5 YINT-ESD5V0D5 Datasheet
454Kb / 3P
   ESD Protection Diode
logo
Micro Commercial Compon...
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com