Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A165K-J2ML-1 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A165K-J2ML-1
Description  Separate Construction with Cylindrical 16-dia. Body
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165K-J2ML-1 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A165K-J2ML-1 Datasheet HTML 6Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 7Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 8Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 9Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 10Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 11Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 12Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 13Page - Omron Electronics LLC A165K-J2ML-1 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
A165K
11
Safety Precautions
Refer to Safety Precautions for All Pushbutton Switches.
Do not apply a voltage between the incandescent
lamp and the terminal that is greater than the rated
voltage. If the incandescent lamp is broken, the
operating part may pop out.
Always turn OFF the power and wait for 10 minutes
before replacing the incandescent lamp. If the lamp is
replaced immediately after the power is turned OFF,
the remaining heat may cause burns.
Mounting
• Always make sure that the power is turned OFF before mounting,
removing, or wiring the Switch, or performing maintenance.
• Do not tighten the mounting nut more than necessary using tools
such as pointed-nose pliers. Doing so will damage the mounting
nut.
The tightening torque is 0.29 to 0.49 N·m.
Wiring
• Solder terminals and quick-connect terminals (#110) are commonly
used for terminals.
• Be sure to use electrical wires that are a size appropriate for the
applied voltage and carry current (conductor size is 0.5 to 0.75
mm2). Perform soldering according to the conditions provided
below. If the soldering is not properly performed, the lead wires will
become detached, resulting in short-circuits.
1. Hand soldering: 350
°C, within 3 s
2. Dip soldering: 350
°C, within 3 s
Wait for one minute after soldering before exerting any external
force on the solder.
• Use non-corrosive resin fluid as the flux.
• Make sure that the electric cord is wired so that it does not touch
the Unit. If the electric cord touches the Unit, then electric wires with
a heat resistance of 100
°C min. must be used.
• After wiring the Switch, maintain an appropriate clearance and
creepage distance.
Operating Environment
• The IP65 model is designed with a degree of protection so that it
will not sustain damage if it is subjected to water from any direction
to the front of the panel.
Using the Microload
• Insert a contact protection circuit, if necessary, to prevent the
reduction of life expectancy due to extreme wear on the contacts
caused by loads where inrush current occurs when the contact is
opened and closed.
• The A16 allows both a standard load (125 V at 5A, 250 V at 3 A)
and a microload. If a standard load is applied, however, the
microload area cannot be used. If the microload area is used with a
standard load, the contact surface will become rough, and the
opening and closing of the contact for a microload may become
unreliable.
• The minimum applicable load is the N-level reference value. This
value indicates the malfunction reference level for the reliability
level of 60% (
λ 60) (conforming to JIS C5003).
The equation,
λ 60 = 0.5 × 10-4/operations indicates that the
estimated malfunction rate is less than 1/2,000,000 operations with
a reliability level of 60%.
WARNING
Precautions for Correct Use
Invalid
area
0.1
1
10
100
1,000
1 mA
5
12
24
30
0.15 mA
Current (mA)
0
Microload area


Similar Part No. - A165K-J2ML-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A165 3M-A165 Datasheet
142Kb / 2P
   3M??Diamond Pad Conditioner A165
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
logo
KEC(Korea Electronics)
A1658 KEC-A1658 Datasheet
177Kb / 5P
   2SC3229
logo
Inchange Semiconductor ...
A1659 ISC-A1659 Datasheet
119Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - A165K-J2ML-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com