Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP20K200 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP20K200
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K200 Datasheet(HTML) 3 Page - Altera Corporation

  EP20K200 Datasheet HTML 1Page - Altera Corporation EP20K200 Datasheet HTML 2Page - Altera Corporation EP20K200 Datasheet HTML 3Page - Altera Corporation EP20K200 Datasheet HTML 4Page - Altera Corporation EP20K200 Datasheet HTML 5Page - Altera Corporation EP20K200 Datasheet HTML 6Page - Altera Corporation EP20K200 Datasheet HTML 7Page - Altera Corporation EP20K200 Datasheet HTML 8Page - Altera Corporation EP20K200 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 117 page
background image
Altera Corporation
3
APEX 20K Programmable Logic Device Family Data Sheet
Flexible clock management circuitry with up to four phase-locked
loops (PLLs)
Built-in low-skew clock tree
Up to eight global clock signals
ClockLock® feature reducing clock delay and skew
ClockBoost® feature providing clock multiplication and division
ClockShiftTM programmable clock phase and delay shifting
Powerful I/O features
Compliant with peripheral component interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification,
Revision 2.2
for 3.3-V operation at 33 or 66 MHz and 32 or 64 bits
Support for high-speed external memories, including DDR
SDRAM and ZBT SRAM (ZBT is a trademark of Integrated
Device Technology, Inc.)
Bidirectional I/O performance (tCO + tSU) up to 250 MHz
LVDS performance up to 840 Mbits per channel
Direct connection from I/O pins to local interconnect providing
fast tCO and tSU times for complex logic
MultiVolt I/O interface support to interface with 1.8-V, 2.5-V,
3.3-V, and 5.0-V devices (see Table 3)
Programmable clamp to VCCIO
Individual tri-state output enable control for each pin
Programmable output slew-rate control to reduce switching
noise
Support for advanced I/O standards, including low-voltage
differential signaling (LVDS), LVPECL, PCI-X, AGP, CTT, stub-
series terminated logic (SSTL-3 and SSTL-2), Gunning
transceiver logic plus (GTL+), and high-speed terminated logic
(HSTL Class I)
Pull-up on I/O pins before and during configuration
Advanced interconnect structure
Four-level hierarchical FastTrack® Interconnect structure
providing fast, predictable interconnect delays
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
Dedicated cascade chain that implements high-speed,
high-fan-in logic functions (automatically used by software tools
and megafunctions)
Interleaved local interconnect allows one LE to drive 29 other
LEs through the fast local interconnect
Advanced packaging options
Available in a variety of packages with 144 to 1,020 pins (see
Tables 4 through 7)
FineLine BGA® packages maximize board space efficiency
Advanced software support
Software design support and automatic place-and-route
provided by the Altera® Quartus® II development system for


Similar Part No. - EP20K200

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K200 ALTERA-EP20K200 Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K200 ALTERA-EP20K200 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K200 ALTERA-EP20K200 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K200 ALTERA-EP20K200 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K200 ALTERA-EP20K200 Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K200

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com