Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP20K1500E Datasheet(PDF) 10 Page - Altera Corporation

Part # EP20K1500E
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K1500E Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP20K1500E Datasheet HTML 6Page - Altera Corporation EP20K1500E Datasheet HTML 7Page - Altera Corporation EP20K1500E Datasheet HTML 8Page - Altera Corporation EP20K1500E Datasheet HTML 9Page - Altera Corporation EP20K1500E Datasheet HTML 10Page - Altera Corporation EP20K1500E Datasheet HTML 11Page - Altera Corporation EP20K1500E Datasheet HTML 12Page - Altera Corporation EP20K1500E Datasheet HTML 13Page - Altera Corporation EP20K1500E Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
10
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
APEX 20K devices provide two dedicated clock pins and four dedicated
input pins that drive register control inputs. These signals ensure efficient
distribution of high-speed, low-skew control signals. These signals use
dedicated routing channels to provide short delays and low skews. Four
of the dedicated inputs drive four global signals. These four global signals
can also be driven by internal logic, providing an ideal solution for a clock
divider or internally generated asynchronous clear signals with high
fan-out. The dedicated clock pins featured on the APEX 20K devices can
also feed logic. The devices also feature ClockLock and ClockBoost clock
management circuitry. APEX 20KE devices provide two additional
dedicated clock pins, for a total of four dedicated clock pins.
MegaLAB Structure
APEX 20K devices are constructed from a series of MegaLABTM
structures. Each MegaLAB structure contains a group of logic array blocks
(LABs), one ESB, and a MegaLAB interconnect, which routes signals
within the MegaLAB structure. The EP20K30E device has 10 LABs,
EP20K60E through EP20K600E devices have 16 LABs, and the
EP20K1000E and EP20K1500E devices have 24 LABs. Signals are routed
between MegaLAB structures and I/O pins via the FastTrack
Interconnect. In addition, edge LABs can be driven by I/O pins through
the local interconnect. Figure 2 shows the MegaLAB structure.
Figure 2. MegaLAB Structure
ESB
MegaLAB Interconnect
Local
Interconnect
To Adjacent
LAB or IOEs
LABs
LE1
LE2
LE3
LE4
LE5
LE6
LE7
LE8
LE9
LE10
LE1
LE2
LE3
LE4
LE5
LE6
LE7
LE8
LE9
LE10
LE1
LE2
LE3
LE4
LE5
LE6
LE7
LE8
LE9
LE10


Similar Part No. - EP20K1500E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K1500E ALTERA-EP20K1500E Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K1500E ALTERA-EP20K1500E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K1500E ALTERA-EP20K1500E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K1500E ALTERA-EP20K1500E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K1500E ALTERA-EP20K1500E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K1500E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com