Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32KHZ Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS32KHZ
Description  32.768kHz Temperature-Compensated Crystal Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS32KHZ Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ Datasheet HTML 9Page - Dallas Semiconductor DS32KHZ Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DS32kHz
6 of 10
Figure 2. Block Diagram
OPERATION
The DS32kHz module contains a crystal and an IC. While powered, the DS32kHz peridocially measures the
temperature and adjusts the crystal load to compensate.
The DS32kHz is designed to operate in two modes. In the dual-supply mode, a comparator circuit, powered by VCC,
monitors the relationship between the VCC and VBAT input levels. When VCC drops below a certain level compared to
VBAT, the device switches over to VBAT (Figure 3A). This mode uses VCC to conserve the battery connected to VBAT
while VCC is applied.
In the single-supply mode, VCC is grounded and the unit is powered by VBAT. Current consumption is less than that
of VCC, because the comparator circuit is unpowered (Figure 3B).
Figure 3A shows how the DS32kHz should be connected when using two power supplies. VCC should be between
4.5V and 5.5V and VBAT should be between 2.7V and 3.3V. Figure 3B shows how the DS32kHz can be used when
only a single-supply system is available. VCC should be grounded and VBAT should then be held between 2.7V and
5.5V. The VBAT pin should be connected directly to a battery. Figure 3C shows a single supply mode where VCC is
held at +5V. See the frequency stability versus operating voltage for information about frequency error versus
supply voltage.
Figure 3. Power-Supply Connections


Similar Part No. - DS32KHZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ/DIP DALLAS-DS32KHZ/DIP Datasheet
190Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/DIP MAXIM-DS32KHZ/DIP Datasheet
369Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ/WBGA DALLAS-DS32KHZ/WBGA Datasheet
190Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/WBGA++ MAXIM-DS32KHZ/WBGA+ Datasheet
369Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results

Similar Description - DS32KHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
   32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ_07 Datasheet
190Kb / 8P
   32.768kHz Temperature-Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-H08K ABRACON-ASVTX-H08K Datasheet
280Kb / 2P
   32.768KHz VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com