Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS07105 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS07105
Description  71MHz SAW Filter 0.2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07105 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS07105 Datasheet HTML 1Page - SIPAT Co,Ltd LBS07105 Datasheet HTML 2Page - SIPAT Co,Ltd LBS07105 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07105
Rev. Date
2005-8-31
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
71MHz SAW Filter
0.2MHz Bandwidth
Part Number: LBS07105
Typical Performance
Frequency Respond
Passband Respond
69.5
70
70.5
71
71.5
72
72.5
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
70.5
70.6
70.7
70.8
70.9
71
71.1
71.2
71.3
71.4
71.5
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
Group Delay Variation(f0±90kHz)
Phase Linearity(f0±90Hz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS07105

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07105 SIPAT-LBS07105 Datasheet
138Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
More results

Similar Description - LBS07105

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07107 SIPAT-LBS07107 Datasheet
189Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
logo
List of Unclassifed Man...
LBS07103 ETC2-LBS07103 Datasheet
136Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
logo
SIPAT Co,Ltd
LBS07104 SIPAT-LBS07104 Datasheet
138Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07103 SIPAT-LBS07103 Datasheet
136Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07105 SIPAT-LBS07105 Datasheet
138Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
184Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07103 SIPAT-LBS07103 Datasheet
142Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBS07104 SIPAT-LBS07104 Datasheet
144Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
UE71-0.2 SIPAT-UE71-0.2 Datasheet
193Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBN12026 SIPAT-LBN12026 Datasheet
148Kb / 3P
   120MHz SAW Filter 71MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com