Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS06605 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # LBS06605
Description  65.6MHz SAW Filter 1MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS06605 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  LBS06605 Datasheet HTML 1Page - SIPAT Co,Ltd LBS06605 Datasheet HTML 2Page - SIPAT Co,Ltd LBS06605 Datasheet HTML 3Page - SIPAT Co,Ltd LBS06605 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS06605
Rev. Date
2007-3-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 4/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
65.6MHz SAW Filter
1MHz Bandwidth
Part Number: LBS06605
Maximum Ratings
Operating Temperature Range
°C
[-40°C;+85°C]
Storage Temperature Range
°C
[-40°C;+105°C]
DC Voltage
V
0
Input Power
dBm
10 max
ESD Class
1


Similar Part No. - LBS06605

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS06605 SIPAT-LBS06605 Datasheet
149Kb / 4P
   65.6MHz SAW Filter 1MHz Bandwidth
More results

Similar Description - LBS06605

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS06605 SIPAT-LBS06605 Datasheet
149Kb / 4P
   65.6MHz SAW Filter 1MHz Bandwidth
LBS11508B SIPAT-LBS11508B Datasheet
137Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
LBS70A13 SIPAT-LBS70A13 Datasheet
140Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS06301 SIPAT-LBS06301 Datasheet
151Kb / 4P
   62.5MHz SAW Filter 1MHz Bandwidth
LBS16401 SIPAT-LBS16401_10 Datasheet
183Kb / 3P
   163.5MHz SAW Filter 1MHz Bandwidth
LBS07204 SIPAT-LBS07204 Datasheet
146Kb / 3P
   72.1MHz SAW Filter 1MHz Bandwidth
LBS7039 SIPAT-LBS7039 Datasheet
142Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS07406 SIPAT-LBS07406 Datasheet
135Kb / 3P
   73.7MHz SAW Filter 1MHz Bandwidth
LB070DS04 SIPAT-LB070DS04 Datasheet
150Kb / 3P
   70MHz SAW Filter 1MHz Bandwidth
LBS11508 SIPAT-LBS11508 Datasheet
145Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com