Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2480S Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2480S
Description  Serial 1.Wire Line Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2480S Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2480S Datasheet HTML 1Page - Dallas Semiconductor DS2480S Datasheet HTML 2Page - Dallas Semiconductor DS2480S Datasheet HTML 3Page - Dallas Semiconductor DS2480S Datasheet HTML 4Page - Dallas Semiconductor DS2480S Datasheet HTML 5Page - Dallas Semiconductor DS2480S Datasheet HTML 6Page - Dallas Semiconductor DS2480S Datasheet HTML 7Page - Dallas Semiconductor DS2480S Datasheet HTML 8Page - Dallas Semiconductor DS2480S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DS2480
042498 2/26
DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
GND
Ground Pin: common ground reference and ground return for 1–Wire bus
2
1–W
1–Wire Input/Output Pin: 1–Wire bus with slew–rate–controlled pull–down,
active pull–up, ability to switch in VPP to program EPROM, and ability to switch
in VDD through a low–impedance path to program EEPROM, perform a temper-
ature conversion or operate the Crypto iButton.
3
NC
No Connection Pin.
4
VDD
Power Input Pin: power supply for the chip and 1–Wire pull–up voltage. 5V
±
10%; may be derived from 12V VPP with an external voltage regulator.
5
VPP
EPROM Programming Voltage: 12V supply input for EPROM programming;
if EPROM programming is not required, this pin must be tied to VDD. VPP must
come up before VDD.
6
POL
RXD/TXD Polarity Select: RXD/TXD polarity select; tied to GND for RS232
(12V or 5V) connection, tied to VDD for direct connection to UART chip.
7
TXD
Serial Data from UART: data input from host (inverted or true); maximum volt-
age swing –0.3V to VDD + 0.3V; for logic thresholds see DC specifications.
8
RXD
Serial Data to UART: signal output to host; push–pull driver with CMOS com-
patible levels; for true
±12V RS232 systems an external level–translator must
be provided.
OVERVIEW
The DS2480 directly interfaces a 5V serial communica-
tion port with its lines TXD (transmit) and RXD (receive)
to a 1–Wire bus. In addition the device performs a speed
conversion allowing the data rate at the communication
port to be different from the 1–Wire date rate. Several
parameters relating to the 1–Wire port and its timing as
well as the communication speed at both the port and
the 1–Wire bus are configurable. The circuit to achieve
these functions is outlined in Figure 1, Block Diagram.
The device gets its input data from the serial commu-
nication port of the host computer through pin TXD. For
compatibility with active–high as well as active–low sys-
tems, the incoming signal can be inverted by means of
the polarity input POL. The polarity chosen by hard–wir-
ing the logic level of this pin is also valid for the output pin
RXD. If for minimizing the interface hardware an asym-
metry between RXD and TXD is desired, this can be
achieved by setting the most significant bit of the Speed
Control parameter to a 1 (see Configuration Parameter
Value Codes). With the MS bit of the speed control set to
1, the polarity at TXD is still selected by the logic level at
POL, but the polarity at RXD will be the opposite of what
the logic level at POL specifies.
As data enters the core of the DS2480’s logic circuitry, it
is analyzed to separate data and command bytes and to
calibrate the device’s timing generator. The timing gen-
erator controls all speed relations of the communication
interface and the 1–Wire bus as well as the wave forms
on the 1–Wire bus.
Command bytes either affect the configuration setting
or generate certain wave forms on the 1–Wire bus. Data
bytes are simply translated by the protocol converter
into the appropriate 1–Wire activities. Each data byte
generates a return byte from the 1–Wire bus, that is
communicated back to the host through the RXD pin as
soon as the activity on the 1–Wire bus is completed.
The 1–Wire driver shapes the slopes of the 1–Wire
wave forms, applies programming pulses or strong
pull–up to 5 volts and reads the 1–Wire bus using a non–
TTL threshold to maximize the noise margin for best
performance on large 1–Wire MicroLAN networks.


Similar Part No. - DS2480S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B++ MAXIM-DS2480B+ Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
More results

Similar Description - DS2480S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
DS1482 DALLAS-DS1482 Datasheet
215Kb / 7P
   1-Wire Level Shifter and Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD8320 AD-AD8320_15 Datasheet
585Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
AD8320 AD-AD8320 Datasheet
583Kb / 20P
   Serial Digital Controlled Variable Gain Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com