Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2441 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2441
Description  1-Cell Li-Ion Battery Manager
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2441 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2441 Datasheet HTML 3Page - Dallas Semiconductor DS2441 Datasheet HTML 4Page - Dallas Semiconductor DS2441 Datasheet HTML 5Page - Dallas Semiconductor DS2441 Datasheet HTML 6Page - Dallas Semiconductor DS2441 Datasheet HTML 7Page - Dallas Semiconductor DS2441 Datasheet HTML 8Page - Dallas Semiconductor DS2441 Datasheet HTML 9Page - Dallas Semiconductor DS2441 Datasheet HTML 10Page - Dallas Semiconductor DS2441 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DS2441
7 of 29
Summary. All of the protection conditions described above are OR'ed together to affect the CHG and
DCHG
outputs. Taking the OV, UV and OT bits from the Status Register and considering the OC Status
Register bit to be the logical OR of DOC (discharge overcurrent) and COC (charge overcurrent), the
equations for CHG and DCHG are as follows:
DCHG
= OT or DOC or UV or Low Power Mode
CHG
= OT or COC or OV or Low Power Mode
LOW POWER MODE
The DS2441 enters Low Power Mode when an undervoltage condition exists on the lithium-ion cell or
when the host system sets the LPM bit in the Control Register. While in Low Power Mode, the DS2441
shuts off the external charge and discharge FETs and turns off most of its internal circuitry to reduce its
load on the cell to IDD1 (1
µA typical). The DS2441 stays in Low Power Mode until it is “awakened” by
the attachment of a charger to the battery pack (voltage on CHG pin > VDD) or a high-to-low transition
on the DQ pin. After either stimulus, the DS2441 powers up fully, makes initial measurements with the
charge and discharge FETs off (to prevent charging until it can verify the cell is not overvoltage), and
then returns to its normal mode of operation.
Charging from Low Power Mode. Charging an undervoltage pack is as simple as applying a charger to
the pack. The presence of the charger automatically triggers the DS2441 to leave Low Power Mode,
make initial measurements with the FETs off, and return to its normal mode of operation. Generally the
DS2441 starts normal operation with the discharge FET off (because the cell is still undervoltage) and the
charge FET on, which allows charging to proceed.
If the charger pulls the cell voltage above
undervoltage threshold VUV before the expiration of undervoltage delay tUVD, the DS2441 remains in its
normal mode of operation and charging can continue. If the cell remains below VUV for tUVD, the DS2441
shuts off the charge and discharge FETs, asserts the UV flag, and returns to Low Power Mode. Once
back in Low Power Mode, the presence of the charger again triggers the DS2441 to go back to its normal
mode of operation where charging can continue for at least tUVD. As long as the charger is applied to the
pack, the DS2441 repeatedly cycles between its normal mode of operation (for tUVD) and Low Power
Mode (for approximately 21 ms) until the cell has been charged above VUV. After the cell is above VUV,
the DS2441 remains in its normal mode of operation and charging continues normally.
REFRESHING UNDERVOLTAGE PACKS
In the worst-case undervoltage situation, a battery can be so far discharged that VDD is outside the
specified operating range of the DS2441, leaving the DS2441 without a power supply and unable to allow
the charging necessary to correct the situation. The Refresh bit (RFSH) in the Control Register and the
ability to parasitically steal power from the DQ pin are features that allow any DS2441-based battery
pack to be refreshed from even the deepest undervoltage situation.
Parasite Power. As is the case for many Dallas 1-Wire products, the DS2441 can, using an on-chip
capacitor, parasitically steal enough power from the DQ line to support register and memory accesses
even with no voltage present on the VDD pin. DQ must be pulled up to at least 3V, and maximum pulse
width specifications must be met to ensure proper parasite-powered operation.
Refresh Bit. Setting the RFSH bit in the Control Register to logic 1 causes the DS2441 to mask the
effect of undervoltage on the CHG output, stay in the normal mode of operation (and out of Low Power
Mode), and power all of its circuitry only from the DQ pin. Because all DS2441 circuitry is powered


Similar Part No. - DS2441

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DS244 ONSEMI-DS244 Datasheet
65Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
August, 2000 ??Rev. 7
More results

Similar Description - DS2441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
   Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
   Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
   Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
   Multi-Cell Li-Ion Battery Manager
RAA489204 RENESAS-RAA489204 Datasheet
4Mb / 160P
   Industrial Grade Multi-Cell Li-Ion Battery Manager
Aug 24, 2021
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com