Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM22S Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EM22S
Description  Clipped Sinewave Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EM22S Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EM22S Datasheet HTML 1Page - EUROQUARTZ limited EM22S Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
2.5 x 2.0 x 0.8mm Clipped Sinewave Output
Ultra-miniature SMD package 2.5 x 2.0 x 0.8mm
Stability from ±0.5ppm over -20° to +70°C
Supply Voltage 1.8V, 2.5V or 3.0Volts
Miniature, lightweight and compact
Ideal for portable devices such as GPS and handsets
EM22S TCXO
13MHz to 52MHz
Product Series
M22S
(Refer to VEM22S if voltage control function is required.)
Output Wave Form:
Clipped Sine Wave
Supply Voltage
1.8V±5%
(1.71V ~ 1.89V)
2.5V±5%
(2.37V ~ 2.62V)
3.0V±5%
(2.85V ~ 3.15V)
Frequency Range:
12.0MHz to 52.0MHz
Initial Calibration Tolerance:
±2ppm maximum, +25°C, 1 hour after reflow
Frequency Stability
From ±0.5ppm to ±2.5ppm over operating temperature range.
Referenced to frequency reading at 25°C.
vs Temperature:
vs Ageing:
vs Voltage Change:
vs Load Change:
vs Reflow:
See table below for availability
±1.0ppm maximum, first year at 25°C
±0.2ppm maximum for a ±5% voltage change
±0.2ppm maximum for a ±10% load change
±1.0ppm maximum for 1 reflow and measured after 24 hours
Output Voltage Level (Peak to peak):
0.8V p-p min., 2.0V p-p max. Load 10kΩ//10pF ±10%
Output Format:
DC coupled. See below for output waveform. Requires an external
AC-Coupling capacitor at pin 3, 1000pF recommended.
Current Consumption:
fo <26MHz: 2mA max.
fo >26MHz: 2.5mA max.
Startup Time:
2ms max. (to reach 90% amplitude and at 25°C±2°C)
Packaging:
8.0mm tape; 4.0mm pitch; 180mm reel;
1000 pieces (code P1) or 3000 pieces (code P3) per reel.
Cut tape for <1k pieces.
SPECIFICATION
EM22S - OUTLINES AND DIMENSIONS
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
Temperature
Range (°C)
0 ~ +50
P
P
P
P
P
-10 ~ +60
P
P
P
P
P
-20 ~ +70
P
P
P
P
P
-30 ~ +75
ASK
P
P
P
STD
-40 ~ +85
ASK
ASK
P
P
P
P
= available, STD = standard, ASK = call Technical Sales
AVAILABLE FREQUENCY STABILITY
vs OPERATING TEMPERATURE RANGE
OUTPUT WAVEFORM
Waveform at Pin 3 - Clipped Sine Wave
Page 1 of 2


Similar Part No. - EM22S

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2205 EATON-EM2205 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM220502 EATON-EM220502 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM220503 EATON-EM220503 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM220504 EATON-EM220504 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
EM220505 EATON-EM220505 Datasheet
2Mb / 11P
   EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM22S

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTWS33 MMD-MTWS33 Datasheet
144Kb / 3P
   Clipped Sinewave Output
logo
Connor-Winfield Corpora...
CSBXX CONNOR-WINFIELD-CSBXX Datasheet
696Kb / 4P
   LVCMOS or Clipped Sinewave Output
TVM4G-016.8M CONNOR-WINFIELD-TVM4G-016.8M Datasheet
117Kb / 2P
   Precision VCTCXO 5.0x7.0mm Clipped Sinewave Output
TCXO-VCTCXO CONNOR-WINFIELD-TCXO-VCTCXO Datasheet
1Mb / 6P
   LVCMOS or Clipped Sinewave
logo
EUROQUARTZ limited
VEM22S EUROQUARTZ-VEM22S Datasheet
135Kb / 2P
   2.5 x 2.0 x 0.8mm Clipped Sinewave Output
logo
Pericom Semiconductor C...
JT325 PERICOM-JT325 Datasheet
883Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
JT255 PERICOM-JT255 Datasheet
861Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
logo
EUROQUARTZ limited
EM8S EUROQUARTZ-EM8S Datasheet
101Kb / 1P
   Clipped Sinewave 8 pin DIL
EM8GS EUROQUARTZ-EM8GS Datasheet
101Kb / 1P
   Clipped Sinewave 8 pin DIL
EM15S EUROQUARTZ-EM15S Datasheet
107Kb / 1P
   Clipped Sinewave 14 pin DIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com