Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18EQHM572 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 18EQHM572
Description  Low EMI Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

18EQHM572 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  18EQHM572 Datasheet HTML 1Page - EUROQUARTZ limited 18EQHM572 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
OUTLINE & DIMENSIONS
Model No:
18EQHM572
Frequency Range:
12.5MHz to 42.0MHz
EMI Reduction and Spread Types:
Modulation Carrier Frequency:
Output Logic:
CMOS
Input Voltage:
Vdd = +1.8 ±0.15VDC
Frequency Stability
Commercial (0~70°C):
±25ppm (Spec. code = ‘A’)
±50ppm (Spec. code = ‘B’)
±100ppm (Spec. code = ‘C’)
Industrial (-40~+85°C): ±25ppm (Spec. code = ‘D’)
±50ppm (Spec. code = ‘E’)
±100ppm (Spec. code = ‘F’)
Output Voltage HIGH ‘1’:
1.6V min., 1.85V max.
Output Voltage LOW ‘0’:
0.0V max., 0.2V max.
Rise/Fall Times:
2.5ns max.
Load:
15pF
Start-up Time:
2ms typical, 5ms max.
Stabilization Time:
40ms max.
Output Impedance:
30W typical
Output Slew Rate:
0.4 V/ns min.; 3.0V/ns max.
Current Consumption:
13MHz:
2.0mA typical
16MHz:
2.8mA typical
25MHz:
3.5mA typical
42MHz:
5.0mA typical
Duty Cycle:
50%±10% (CL=15pF, 50%Vdd)
Cyle to Cycle Jitter:
±100ps max.
Ageing:
±5ppm /year max at Ta=25°C
Pad 1 Option:
Output Enable/Disable. Output is
high impedance when taken low
Output enable time 100ms max.
Packaging:
EIA 16mm tape and reel, 1k per.
SPECIFICATION
Page 1 of 2
ENVIRONMENTAL SPECIFICATION
RoHS Compliance:
RoHS compliant and Pb (lead) free
Moisture Sensitivity Level:
Level 1 (Infinite)
Second Level Interconnect:
e4
Storage Temperature Range:
-55° to +125°C
Humidity:
85% RH, 85°C for 48 hours
Fine Leak / Gross Leak:
MIL-STD-883, meth. 1014, cond. A
MIL-STD-883, meth. 1014, cond. C
Hermetic Seal:
Leak Rate 2x10-8 ATM-cm3/s max.
Solderability:
MIL-STD-2002F method 208E
Reflow:
260° for 10 seconds x2
Vibration:
MIL-STD-202F method 204, 35g,
50Hz to 2000Hz
Shock:
MIL-STD-202F method 213B, test
condition: E, 1000g ½ sine wave
Resistance to Solvents:
MIL-STD-202, Method 215
Temperature Cycling:
MIL-STD-883, Method 1010
ESD Rating:
>2000V (per MIL-STD-883,
method 3015)
Pad Surface Finish:
Gold (0.3um min.) over nickel
(1.27um to 8.89um)
Weight of the Device:
0.17 grams.
7 x 5 x 1.4mm SMD - Group 'F' (1.8 Volts)
18EQHM572 Low EMI Oscillator
Provides up to -12dB reduction in system EMI
‘Drop-in’ replacement for standard clocks
No need to re-design printed circuit boards
Operates with 1.8 Volts supply voltage
Choice of modulation rate and spread
Miniature package: 7.0 mm x 5.0 mm x 1.4mm
FEATURES
Total %
Down
Spread (D)
Centre
Spread (C)
EMI
Reduction
Rate
0.5%
-0.5% (D0.5)
±0.25% (C0.25)
-12dB (typ.)
1%
-1% (D1)
±0.5% (C0.5)
-16dB (typ.)
2%
-2% (D2)
±1% (C1.0)
-18dB (typ.)
SPREAD TYPE & PERCENTAGE AND EMI REDUCTION RATES
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage
-0.5V min., +2.5V max.
Input Voltage
Vss-0.5V min., VDD+0.5V max.
Output Voltage
Vss-0.5V min., VDD+0.5V max.
Operation Junction Temp.
-40°C min., +125°C max.
Output Current
-13mA min., +13mA max.


Similar Part No. - 18EQHM572

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
18EQHM53 EUROQUARTZ-18EQHM53 Datasheet
246Kb / 2P
   Low EMI Oscillator
More results

Similar Description - 18EQHM572

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQHM572N EUROQUARTZ-EQHM572N Datasheet
275Kb / 3P
   Low EMI Oscillator
EQHM42R EUROQUARTZ-EQHM42R Datasheet
234Kb / 2P
   Low EMI Oscillator
EQHM8R EUROQUARTZ-EQHM8R Datasheet
191Kb / 1P
   Low EMI Oscillator
EQHM14R EUROQUARTZ-EQHM14R Datasheet
267Kb / 2P
   Low EMI Oscillator
18EQHM32 EUROQUARTZ-18EQHM32 Datasheet
240Kb / 2P
   Low EMI Oscillator
18EQHM53 EUROQUARTZ-18EQHM53 Datasheet
246Kb / 2P
   Low EMI Oscillator
EQHM572R EUROQUARTZ-EQHM572R Datasheet
240Kb / 2P
   Low EMI Oscillator
logo
Microchip Technology
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
   Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
logo
Texas Instruments
USBN9604SLBX TI1-USBN9604SLBX Datasheet
538Kb / 62P
[Old version datasheet]   Low EMI, low standby current, 24 MHz oscillator
logo
Abracon Corporation
ASSM ABRACON-ASSM Datasheet
95Kb / 2P
   LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com