Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3F11A4718AT Datasheet(PDF) 2 Page - AVX Corporation

Part # W3F11A4718AT
Description  Feedthru 0805/1206 Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W3F11A4718AT Datasheet(HTML) 2 Page - AVX Corporation

  W3F11A4718AT Datasheet HTML 1Page - AVX Corporation W3F11A4718AT Datasheet HTML 2Page - AVX Corporation W3F11A4718AT Datasheet HTML 3Page - AVX Corporation W3F11A4718AT Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Feedthru 0805/1206 Capacitors
W2F/W3F Series
T
P
L
C
P
S
W
BW
T
S
X
L
C
L
EW
W
BL
Feedthru Pad
Feedthru Pad
Common Ground
Common Ground
DIMENSIONS
RECOMMENDED SOLDER PAD LAYOUT (TYPICAL DIMENSIONS)
LW
T
BWBL
EW
X
S
0805 MM
2.01 ± 0.20
1.25 ± 0.20
1.14 Max.
0.46 ± 0.10
0.18 + 0.25 -0.08
0.25 ± 0.13
1.02 ± 0.10
0.23 ± 0.15
(in.)
(0.079 ± 0.008)
(0.049 ± 0.008)
(0.045 Max.)
(0.018 ±0.004)
(0.007 + 0.010 -0.003)
(0.010 ± 0.005)
(0.040 ± 0.004)
(0.009 ± 0.006)
1206 MM
3.20 ± 0.20
1.60 ± 0.20
1.27 Max.
0.89 ± 0.10
0.18 + 0.25 -0.08
0.38 ± 0.18
1.60 ± 0.10
0.46 ± 0.15
(in.)
(0.126 ± 0.008)
(0.063 ± 0.008)
(0.050 Max.)
(0.035 ± 0.004)
(0.007 + 0.010 -0.003)
(0.015 ± 0.007)
(0.063 ± 0.004)
(0.018 ± 0.006)
TP
S
W
L
C
0805 MM
3.45
0.51
0.76
1.27
1.02
0.46
(in.)
(0.136)
(0.020)
(0.030)
(0.050)
(0.040)
(0.018)
1206 MM
4.54
0.94
1.02
1.65
1.09
0.71
(in.)
(0.179)
(0.037)
(0.040)
(0.065)
(0.043)
(0.028)
TYPICAL FEEDTHRU CHIP CAP CONNECTION
Feedthru Chip Component Model
Physical Layout - A
Physical Layout - B
Vcc or
Signal In
Signal In
The terminals are connected internally side to side.
Left side and right side are connected and front and
back are connected internally.
For Decoupling, the chip is usually surrounded by
four vias, two for Vcc and two for GND.
For Signal Filtering, the in and out lines need to be
separated on the circuit board.
Vcc or
Signal Out
Signal Out
Ground
Ground
Ground
Vcc
Vcc
Ground
Ground


Similar Part No. - W3F11A4718AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3F11A4718AT AVX-W3F11A4718AT Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A4718AT AVX-W3F11A4718AT Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A4718ATxx AVX-W3F11A4718ATxx Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
More results

Similar Description - W3F11A4718AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F AVX-W2F Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1F AVX-W2F15C4738AT1F Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1A AVX-W2F15C4738AT1A Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT1F AVX-W3F11A2218AT1F Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT3A AVX-W3F11A2218AT3A Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
   Automotive Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
List of Unclassifed Man...
500F15W102KV4T ETC2-500F15W102KV4T Datasheet
94Kb / 2P
   Multilayer Ceramic Feedthru Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com