Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2406V Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2406V
Description  Dual Addressable Switch Plus 1K-Bit Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406V Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2406V Datasheet HTML 1Page - Dallas Semiconductor DS2406V Datasheet HTML 2Page - Dallas Semiconductor DS2406V Datasheet HTML 3Page - Dallas Semiconductor DS2406V Datasheet HTML 4Page - Dallas Semiconductor DS2406V Datasheet HTML 5Page - Dallas Semiconductor DS2406V Datasheet HTML 6Page - Dallas Semiconductor DS2406V Datasheet HTML 7Page - Dallas Semiconductor DS2406V Datasheet HTML 8Page - Dallas Semiconductor DS2406V Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DS2406
4 of 30
PARASITE POWER
The DS2406 can derive its power entirely from the 1-Wire bus by storing energy on an internal capacitor
during periods of time when the signal line is high. During low times the device continues to operate off
of this “parasite” power source until the 1-Wire bus returns high to replenish the parasite (capacitor)
supply. In applications where the device may be temporarily disconnected from the 1-Wire bus or where
the low-times of the 1-Wire bus may be very long the VCC pin may be connected to an external voltage
supply to maintain the device status.
When writing to the EPROM memory, the 1-Wire communication occurs at normal voltage levels and
then is pulsed momentarily to the programming voltage to cause the selected EPROM bits to be
programmed. The bus master must be able to provide 12V and 10 mA to adequately program the EPROM
portions of the device. During programming, only EPROM-based devices are allowed to be present on
the 1-Wire bus.
64-BIT LASERED ROM
Each DS2406 contains a unique ROM code that is 64 bits long. The first eight bits are a 1-Wire family
code. The next 48 bits are a unique serial number. The last eight bits are a CRC of the first 56 bits. (See
Figure 3). The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and
XOR gates as shown in Figure 4. The polynomial is X
8
+ X
5
+ X
4
+ 1. Additional information about the
Dallas 1-Wire Cyclic Redundancy Check is available in Application Note 27 or the Book of DS19xx
iButton Standards. The shift register bits are initialized to zero. Then starting with the least significant bit
of the family code, one bit at a time is shifted in. After the 8th bit of the family code has been entered,
then the serial number is entered. After the 48th bit of the serial number has been entered, the shift
register contains the CRC value. Shifting in the eight bits of CRC should return the shift register to all
zeros. The 64-bit ROM and the 1-Wire Function Control section allow the DS2406 to operate as a 1-Wire
device and follow the protocol detailed in the section “1-Wire Bus System”.
64-BIT LASERED ROM Figure 3
MSB
LSB
8-Bit CRC Code
48-Bit Serial Number
8-Bit Family Code (12h)
MSB
LSB
MSB
LSB
MSB
LSB
1-WIRE CRC GENERATOR Figure 4
R
X2
X1
X0
X8
X7
X6
X5
X4
X3
8TH
STAGE
7TH
STAGE
6TH
STAGE
5TH
STAGE
4TH
STAGE
3RD
STAGE
2ND
STAGE
1ST
STAGE
S
INPUT DATA
Polynomial = X8 + X5 + X4 + 1


Similar Part No. - DS2406V

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2406 DALLAS-DS2406 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2406 MAXIM-DS2406 Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Dallas Semiconductor
DS2406++ DALLAS-DS2406+ Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406++ MAXIM-DS2406+ Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
More results

Similar Description - DS2406V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
logo
Dallas Semiconductor
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
   Dual Addressable Switch Plus 1K.Bit Memory
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
logo
Motorola, Inc
MC10H155 MOTOROLA-MC10H155 Datasheet
683Kb / 11P
   16-Bit ECL Content Addressable Memory
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Motorola, Inc
SN54LS256 MOTOROLA-SN54LS256 Datasheet
225Kb / 6P
   DUAL 4-BIT ADDRESSABLE LATCH
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
National Semiconductor ...
CD4723BM NSC-CD4723BM Datasheet
146Kb / 8P
   Dual 4-Bit, 8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com