Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # US1M
Description  Surface Mount Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

US1M Datasheet(HTML) 3 Page - Vishay Siliconix

  US1M Datasheet HTML 1Page - Vishay Siliconix US1M Datasheet HTML 2Page - Vishay Siliconix US1M Datasheet HTML 3Page - Vishay Siliconix US1M Datasheet HTML 4Page - Vishay Siliconix US1M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US1A, US1B, US1D, US1G, US1J, US1K, US1M
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
3
Document Number: 88768
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Instantaneous Forward Characteristics
Fig. 6 - Typical Reverse Leakage Characteristics
Fig. 7 - Typical Junction Capacitance
Fig. 8 - Typical Transient Thermal Impedance
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
100
10
1
0.1
0.01
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Instantaneous Forward Voltage (V)
US1A thru US1G
Percent of Rated Peak Reverse Voltage (%)
0
20406080
100
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
100
10
1
0.1
0.01
US1A thru US1G
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
0.2
0.7
1.2
1.7
2.2
2.7
3.2
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
US1J thru US1M
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1000
100
10
1
0.1
0.01
0
20406080
100
US1J thru US1M
Reverse Voltage (V)
0.1
1
10
100
100
10
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
US1J thru US1M
US1A thru US1G
0.01
0.1
1
10
100
100
10
1
0.1
t - Pulse Duration (s)


Similar Part No. - US1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1M SSE-US1M Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US1M DGNJDZ-US1M Datasheet
185Kb / 2P
   1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
logo
Yea Shin Technology Co....
US1M YEASHIN-US1M Datasheet
38Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
US1M DAESAN-US1M Datasheet
291Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
GUANGDONG HOTTECH INDUS...
US1M HOTTECH-US1M Datasheet
181Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com