Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UKL1H220MED Datasheet(PDF) 1 Page - Nichicon corporation

Part # UKL1H220MED
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKL1H220MED Datasheet(HTML) 1 Page - Nichicon corporation

  UKL1H220MED Datasheet HTML 1Page - Nichicon corporation UKL1H220MED Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
KL
series
Low Leakage Current
Standard low leakage current series.
Compliant to the RoHS directive (2011/65/EU).
Radial Lead Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
stability at Low Temperature
Endurance
Performance
Characteristics
Item
– 40 to +85°C (
– 40 to +105°C product is also available upon request, but product rated at up to 50V less than or equal to
φ10 × 12.5 Lmm)
6.3 to 100V
0.1 to 10000µF
± 20% (M), ± 10% (K) at 120Hz 20°C
After 1 minute's (for case size 10
× 12.5 or smaller) or 2 minutes' (for case size 10 × 16 or larger) application of rated voltage,
leakage current is not more than 0.002CV or 0.2 (µA) whichever is greater.
120Hz, 20°C
120Hz
Values in (
) applicable to
φ10 × 16 or larger case size.
Capacitance change
Leakage current
The specifications listed at right shall be met
when the capacitors are restored to 20°C
after the rated voltage is applied for 2000
hours at 85°C, or 1000 hours at 105°C.
Shelf Life
After storing the capacitors under no load at 85˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Marking
Printed with white color letter on black sleeve.
tan
δ
Within ±15% of the initial capacitance value (6.3V : Within ±20%)
Less than or equal to the initial specified value
150% or less than the initial specified value
Type numbering system (Example : 10V 47µF)
KL
VR
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
6.3
3 (4)
5 (8)
10
2 (3)
4 (6)
16
2
3 (4)
25
1.5
2 (4)
35
1.5
2 (3)
50
1.5
2 (3)
63
1.5
2 (3)
100
1.5
2 (3)
U
1
K
2
L
3
1
4
A
5
4
6
7
7
0
8
M
9
D
10
D
11
Configuration
Capacitance tolerance
(M :
±20%, K : ±10%)
Rated capacitance (47
µF)
Rated voltage (10V)
Series name
Type
A
12
N
13
A
14
In case 105
°C unit is required
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 to 18
HD
Configuration
2
2
1
1
Pressure
relief vent
φD
P
5
2.0
6.3
2.5
8
3.5
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.5
0.5
0.6
0.6
0.6
0.8
0.8
(
φ10 × 12.5 or smaller) 1.0
(
φ10 × 16 or or greater) 1.5
L+ MAX.
(
φ6.3up )
15MIN
4MIN
φd
(mm)
Sleeve (P.E.T.)
Dimension table in next page.
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Less than
φ10 × 12.5
φ10 × 16 or more
Rated voltage (V)
tan
δ (MAX.)
6.3
0.18
0.21
10
0.15
0.17
16
0.12
0.14
25
0.08
0.12
35
0.08
0.12
50
0.08
0.10
63
0.07
0.08
100
0.07
0.08
Low Leakage
Current
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
0.1 to 68
100 to 680
1000 to 10000
50Hz
0.75
0.80
0.85
120Hz
1.00
1.00
1.00
300Hz
1.35
1.23
1.10
1kHz
1.57
1.34
1.13
10kHz or more
2.00
1.50
1.15
• Please refer to page 20 about the end seal configuration.
CAT.8100C


Similar Part No. - UKL1H220MED

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UKL1A101KED1TD NICHICON-UKL1A101KED1TD Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A101MEDANA NICHICON-UKL1A101MEDANA Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A102KHD NICHICON-UKL1A102KHD Datasheet
74Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A102MDD NICHICON-UKL1A102MDD Datasheet
53Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UKL1A102MED NICHICON-UKL1A102MED Datasheet
53Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UKL1H220MED

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com