Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NG80386DX33 Datasheet(PDF) 8 Page - Intel Corporation

Part # NG80386DX33
Description  32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80386DX33 Datasheet(HTML) 8 Page - Intel Corporation

Back Button NG80386DX33 Datasheet HTML 4Page - Intel Corporation NG80386DX33 Datasheet HTML 5Page - Intel Corporation NG80386DX33 Datasheet HTML 6Page - Intel Corporation NG80386DX33 Datasheet HTML 7Page - Intel Corporation NG80386DX33 Datasheet HTML 8Page - Intel Corporation NG80386DX33 Datasheet HTML 9Page - Intel Corporation NG80386DX33 Datasheet HTML 10Page - Intel Corporation NG80386DX33 Datasheet HTML 11Page - Intel Corporation NG80386DX33 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
Intel386TM DX MICROPROCESSOR
2 BASE ARCHITECTURE
21 INTRODUCTION
The Intel386 DX consists of a central processing
unit a memory management unit and a bus inter-
face
The central processing unit consists of the execu-
tion unit and instruction unit The execution unit con-
tains the eight 32-bit general purpose registers
which are used for both address calculation data
operations and a 64-bit barrel shifter used to speed
shift rotate multiply and divide operations The
multiply and divide logic uses a 1-bit per cycle algo-
rithm
The multiply algorithm stops the iteration
when the most significant bits of the multiplier are all
zero This allows typical 32-bit multiplies to be exe-
cuted in under one microsecond The instruction unit
decodes the instruction opcodes and stores them in
the decoded instruction queue for immediate use by
the execution unit
The memory management unit (MMU) consists of a
segmentation unit and a paging unit Segmentation
allows the managing of the logical address space by
providing an extra addressing component one that
allows easy code and data relocatability and effi-
cient sharing The paging mechanism operates be-
neath and is transparent to the segmentation pro-
cess to allow management of the physical address
space Each segment is divided into one or more 4K
byte pages To implement a virtual memory system
the Intel386 DX supports full restartability for all
page and segment faults
Memory is organized into one or more variable
length segments each up to four gigabytes in size A
given region of the linear address space a segment
can have attributes associated with it These attri-
butes include its location size type (ie stack code
or data) and protection characteristics Each task
on an Intel386 DX can have a maximum of 16381
segments of up to four gigabytes each thus provid-
ing 64 terabytes (trillion bytes) of virtual memory to
each task
The segmentation unit provides four-levels of pro-
tection for isolating and protecting applications and
the operating system from each other The hardware
enforced protection allows the design of systems
with a high degree of integrity
The Intel386 DX has two modes of operation Real
Address Mode (Real Mode) and Protected Virtual
Address Mode (Protected Mode) In Real Mode the
Intel386 DX operates as a very fast 8086 but with
32-bit extensions if desired Real Mode is required
primarily to setup the processor for Protected Mode
operation Protected Mode provides access to the
sophisticated memory management
paging and
privilege capabilities of the processor
Within Protected Mode software can perform a task
switch to enter into tasks designated as Virtual 8086
Mode tasks Each such task behaves with 8086 se-
mantics thus allowing 8086 software (an application
program or an entire operating system) to execute
The Virtual 8086 tasks can be isolated and protect-
ed from one another and the host Intel386 DX oper-
ating system by the use of paging and the IO Per-
mission Bitmap
Finally to facilitate high performance system hard-
ware designs the Intel386 DX bus interface offers
address pipelining dynamic data bus sizing and di-
rect Byte Enable signals for each byte of the data
bus These hardware features are described fully be-
ginning in Section 5
22 REGISTER OVERVIEW
The Intel386 DX has 32 register resources in the
following categories
 General Purpose Registers
 Segment Registers
 Instruction Pointer and Flags
 Control Registers
 System Address Registers
 Debug Registers
 Test Registers
The registers are a superset of the 8086 80186 and
80286 registers
so all 16-bit 8086
80186 and
80286 registers are contained within the 32-bit In-
tel386 DX
Figure 2-1 shows all of Intel386 DX base architec-
ture registers which include the general address
and data registers the instruction pointer and the
flags register The contents of these registers are
task-specific so these registers are automatically
loaded with a new context upon a task switch opera-
tion
The base architecture also includes six directly ac-
cessible segments each up to 4 Gbytes in size The
segments are indicated by the selector values
placed in Intel386 DX segment registers of Figure
2-1 Various selector values can be loaded as a pro-
gram executes if desired
8


Similar Part No. - NG80386DX33

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
NG80386SX-25 AMD-NG80386SX-25 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
NG80386SX-33 AMD-NG80386SX-33 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
NG80386SX-40 AMD-NG80386SX-40 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
NG80386SXL-25 AMD-NG80386SXL-25 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
NG80386SXL-33 AMD-NG80386SXL-33 Datasheet
557Kb / 30P
   High-Performance, Low-Power, Embedded Microprocessors
More results

Similar Description - NG80386DX33

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
M80C86 INTEL-M80C86 Datasheet
277Kb / 19P
   16-BIT CHMOS MICROPROCESSOR
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
ATMEL Corporation
TS68020 ATMEL-TS68020 Datasheet
1Mb / 45P
   HCMOS 32-bit Virtual Memory Microprocessor
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
Intel Corporation
80960KB INTEL-80960KB Datasheet
418Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KB25 INTEL-A80960KB25 Datasheet
2Mb / 44P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KB20 INTEL-A80960KB20 Datasheet
2Mb / 44P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
   CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com