Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-1010-A-12-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-1010-A-12-0
Description  Micro-plunger Clip On Both Ends
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-1010-A-12-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-1010-A-12-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Micro-plunger Clip On Both End
• Material: Hook-up wire: #20(41/36) AWG tinned copper with 105°C
PVC insulation; Plunger: Nylon housing; Stainless steel spring
Beryllium copper contact
• **Length: -12”(.3m), -24”(.6m), -36”(.9m), -48”(1.2m), -60”(1.5m)
• *Std Colors: -0 Black -2 Red
• Rating: Hands free testing at 300V Category II, 5 Amps
• RoHS Compliant
Part Number:
BU-1010-A-**- *
Description:
Micro-plunger Clip On Both
Ends
2907


Similar Part No. - BU-1010-A-12-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-1010-A-60-0 ETC2-BU-1010-A-60-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
More results

Similar Description - BU-1010-A-12-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-1010-A-60-0 ETC2-BU-1010-A-60-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
BU-1111-A-12-0 ETC2-BU-1111-A-12-0 Datasheet
65Kb / 1P
   Mini-plunger Clip On Both Ends
BU-3030-A-60-0 ETC2-BU-3030-A-60-0 Datasheet
64Kb / 1P
   Insulated Alligator Clip on Both Ends
BU-3131-A-12-0 ETC2-BU-3131-A-12-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-24-0 ETC2-BU-3131-A-24-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-48-0 ETC2-BU-3131-A-48-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-60-0 ETC2-BU-3131-A-60-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3030-A-48-0 ETC2-BU-3030-A-48-0 Datasheet
64Kb / 1P
   Insulated Alligator Clip on 2607 Both Ends
BU-3131-A-36-0 ETC2-BU-3131-A-36-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-00208-0 ETC2-BU-00208-0 Datasheet
51Kb / 1P
   Mini-Micro Plunger Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com