Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2455R-100-79 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 2455R-100-79
Description  Thermostats - Commercial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2455R-100-79 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  2455R-100-79 Datasheet HTML 1Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 2Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 3Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 4Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 5Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 6Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 7Page - Honeywell Accelerometers 2455R-100-79 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
28
www.honeywell.com/sensing
THERMOSTATS - COMMERCIAL
2450RC/2450RCH/2455RC Series
Ceramic Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic
Operating temperature range:
0 °C to 260 °C [32 °F to 500 °F]
Environmental exposure range:
–20 °C to 287 °C [0 °F to 550 °F]
2450CM/2455RM Series Ceramic and
Phenolic Manual Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. The circuit will stay open above room ambient
temperature until the manual reset button is pressed. Response to
temperature changes is extremely rapid due to the inherently low mass
of the disc and the small size of the product.
Reset type:
Manual
Amperage capacity:
15 A resistive max.
Housing material:
Ceramic or phenolic
Operating temperature range:
52 °C to 232 °C [125 °F to 450 °F] (ceramic)
52 °C to 150 °C [125 °F to 302 °F] (phenolic)
Environmental exposure range:
10 °C to 260 °C [50 °F to 500 °F] (ceramic)
10 °C to 177 °C [50 °F to 350 °F] (phenolic)
2450RC
0,51
[0.020]
9,63
[0.379]
16,00
[0.379]
2450RCH
2,36 [0.093] DIA.
1,57 [0.062] DEEP
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
ENCLOSED DISK
2455RC
2450CM
1,04 [0.041] MAX TRAVEL OF
RESET BUTTON
ON CONTACT OPENING
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,04
[0.356]
12,90
[0.508]
14,48
[0.570]
0,51
[0.020]
15,98
[0.629]
9,55
[0.376]
2455RM
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
1,04 [0.041] MAX TRAVEL
OF RESET BUTTON ON
CONTACT OPENING
2,77 DIA. RESET
[0.109] BUTTON
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
15,88 ON CONTACT
[0.625] CLOSING
SERIES NAME
2450RC Ceramic Automatic Reset Thermostat
SERIES NAME
2450RCH Ceramic Automatic Reset Thermostat
SERIES NAME
2455RC Ceramic Automatic Reset Thermostat
SERIES NAME
2450CM Ceramic Manual Reset Thermostat
SERIES NAME
2455RM Phenolic Manual Reset Thermostat


Similar Part No. - 2455R-100-79

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455R-100-79

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com