Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2455R-100-75 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # 2455R-100-75
Description  Thermostats - Commercial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2455R-100-75 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  2455R-100-75 Datasheet HTML 1Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 2Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 3Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 4Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 5Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 6Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 7Page - Honeywell Accelerometers 2455R-100-75 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
27
www.honeywell.com/sensing
THERMOSTATS - COMMERCIAL
Commercial thermostats include products for use in a wide array of small
and major appliances, automotive applications, office copy machines,
heat and smoke detectors and HVAC equipment. These snap-action
thermostats include automatic or manual reset options, phenolic or
ceramic housings, and a variety of mounting brackets and terminal
options.
NOTE: The products in this section do not follow the “how to use this
catalogue” instructions provided in the catalogue introduction. Specific
reference numbers are not given due to their custom nature. Please
contact your local Honeywell sales office for ordering information.
Thermostats - Commercial
2450R/2450HR/2455R Series Phenolic
Automatic Reset Thermostats
A temperature-sensitive bimetal disc, electrically isolated from the switch,
actuates the normally closed contacts. The contacts open when the
surface or ambient temperatures increase to the operating snap point of
the calibrated disc. Response to temperature changes is extremely rapid
due to the inherently low mass of the disc and the small size of the
product. These products are factory calibrated to the customer’s
specification.
Reset type:
Automatic
Amperage capacity:
15 A resistive max.
Housing material:
Phenolic
Operating temperature range:
0 °C to 150 °C [32 °F to 302 °F]
Environmental exposure range:
0 °C to 177 °C [32 °F to 350 °F]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
9,63
[0.379]
2,36 [0.093] DIA.
1,57 [0.062] DEEP
6,73
[0.265]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
9,12
[0.359]
12,34
[0.486]
13,94
[0.549]
14,43 DIA.
[0.568]
16,0 DIA.
[0.630]
0,51
[0.020]
11,91
[0.469]
2450R
2450HR
2455R
SERIES NAME
2450R Phenolic Automatic Reset Thermostat
SERIES NAME
2450HR Phenolic Automatic Reset Thermostat
SERIES NAME
2455R Phenolic Automatic Reset Thermostat


Similar Part No. - 2455R-100-75

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455R-100-75

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com