Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-00247-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-00247-4
Description  Dual Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00247-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00247-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Dual Banana Plug
• Material: Banana Plug: nickel-plated brass body; Spring: nickel-plated
phosphor bronze; Insulator: PVC
• Length: 1.62”(41mm)
• *Std. Colors: -0 Black -2 Red -4 Yellow -5 Green -6 Blue
Rating: 15 Amps
Part Number:
BU-00247-*
Description:
Dual Banana Plug
2907


Similar Part No. - BU-00247-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-00243-2 ETC2-BU-00243-2 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-00244-0 ETC2-BU-00244-0 Datasheet
47Kb / 1P
   Solderless Banana Plug-Hex Design
BU-00244-2 ETC2-BU-00244-2 Datasheet
47Kb / 1P
   Solderless Banana Plug-Hex Design
BU-00245-0 ETC2-BU-00245-0 Datasheet
47Kb / 1P
   Set Screw Banana Plug
More results

Similar Description - BU-00247-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P5170-0 ETC2-BU-P5170-0 Datasheet
195Kb / 1P
   Banana Plug
logo
Adam Technologies, Inc.
BP-003 ADAM-TECH-BP-003 Datasheet
57Kb / 1P
   BANANA PLUG
logo
List of Unclassifed Man...
BU-P5169-0 ETC2-BU-P5169-0 Datasheet
196Kb / 1P
   Banana Plug
logo
Pomona Electronics
3014 POMONA-3014 Datasheet
26Kb / 1P
   Stacking Banana Plug To Miniature Stacking Banana Plug
1368 POMONA-1368 Datasheet
39Kb / 1P
   Double Banana Plug To Single Banana Plug Breakouts
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-P1330-0 ETC2-BU-P1330-0 Datasheet
100Kb / 1P
   Doble Banana Plug
BU-P3690-0 ETC2-BU-P3690-0 Datasheet
189Kb / 1P
   Mini Banana Plug
logo
Pomona Electronics
1390 POMONA-1390 Datasheet
23Kb / 1P
   Banana Plug, Isolation
6729 POMONA-6729 Datasheet
142Kb / 3P
   Sheath Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com