Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN10808 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AN10808
Description  Thermal consideration of NXP FlatPower MEGA Schottky
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AN10808 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AN10808 Datasheet HTML 6Page - NXP Semiconductors AN10808 Datasheet HTML 7Page - NXP Semiconductors AN10808 Datasheet HTML 8Page - NXP Semiconductors AN10808 Datasheet HTML 9Page - NXP Semiconductors AN10808 Datasheet HTML 10Page - NXP Semiconductors AN10808 Datasheet HTML 11Page - NXP Semiconductors AN10808 Datasheet HTML 12Page - NXP Semiconductors AN10808 Datasheet HTML 13Page - NXP Semiconductors AN10808 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AN10808
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Application note
Rev. 2 — 12 February 2013
10 of 17
NXP Semiconductors
AN10808
NXP FlatPower MEGA Schottky rectifier - Thermal selection criteria
From this, IF(AV) can be calculated with the Equation 11 and the typical VF value taken
from the data sheet:
(12)
(13)
This result fits with the graphic IF(AV) vs Tamb (see Figure 4).
So thermal and electrical parameters are essential factors for the selection of the right
PMEG Schottky barrier rectifier under considerations.
Changing the package (bigger package size, bigger silicon die, better thermal
performance) fulfill easier the requirements than increasing the cooling pad area.
3.3 Conclusion
The characteristics given in the data sheet, help choosing the right PMEG Schottky barrier
rectifier. The most critical question in hardware design is the maximum allowable
Ptot capability.
Data sheet parameters are a good instrument to compare different products under
standard conditions.
The worst-case scenario of an application can be calculated from the Zth graphs and
Rth(j-a) values. After that the right NXP PMEG Schottky barrier rectifier for design can be
selected.
I
M
P
tot max

V
F
---------------------
125W
0 365V
-------------------
34A
==
=
I
FAV

I
M
17A
==


Similar Part No. - AN10808

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10803 PHILIPS-AN10803_15 Datasheet
1Mb / 30P
   Triac dimmable CFL application using the UBA2028
Rev. 2-27 February 2012
More results

Similar Description - AN10808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5233 FAIRCHILD-AN-5233 Datasheet
702Kb / 4P
   Consideration of Power MOSFETs
AN-4140 FAIRCHILD-AN-4140 Datasheet
1Mb / 10P
   Transformer Design Consideration
logo
ON Semiconductor
AND8199 ONSEMI-AND8199 Datasheet
88Kb / 4P
   THERMAL STABILITY OF MOSFETS
January, 2005 ??Rev. 0
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
   NXP LPC microcontrollers
November 2012
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
logo
Nexperia B.V. All right...
PMEG2010EV NEXPERIA-PMEG2010EV Datasheet
271Kb / 8P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
logo
NXP Semiconductors
PMEG2010EA PHILIPS-PMEG2010EA_15 Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2010EV PHILIPS-PMEG2010EV_15 Datasheet
106Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
PMEG1020EV PHILIPS-PMEG1020EV_15 Datasheet
112Kb / 7P
   Ultra low VF MEGA Schottky barrier
2003 Jul 15
PMEG3002AEB PHILIPS-PMEG3002AEB_15 Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com