Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2455R-100-73 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # 2455R-100-73
Description  Thermostats - Commercial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2455R-100-73 Datasheet(HTML) 8 Page - Honeywell Accelerometers

  2455R-100-73 Datasheet HTML 1Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 2Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 3Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 4Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 5Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 6Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 7Page - Honeywell Accelerometers 2455R-100-73 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
‘Permanent Stock’ of Thermostats Type 2455R
• Functions: Open on Rising Temperature, and
Close on Rising Temperature
• Standard Mounting Bracket: B 203 S
• Terminals: horizontal T 146
• Operating Temperatures in 10° C Steps.
• Up to 15A and up to 250V AC
Silver contact system
Part Number
Function
Open
Close
°C
+/-K
°C
+/-K
2455R- 100-84
30
3
15
4
2455R- 100-72
40
3
25
6
2455R- 100-73
50
3
35
6
2455R- 100-85
60
3
45
6
2455R- 100-74
70
3
55
6
2455R- 100-75
80
3
65
6
2455R- 100-76
90
3
75
6
2455R- 100-77
100
4
80
7
2455R- 100-86
110
4
90
7
2455R- 100-98
120
4
98
6
2455R- 100-88
130
4
110
8
2455R- 100-89
140
4
115
8
2455RC- 9100-373
150
7
120
8
Mounting Bracket B 203S
Close
Open
°C
+/-K
°C
+/-K
2455R- 100-78
50
3
35
6
2455R- 100-79
60
3
45
6
2455R- 100-92
80
3
65
6
2455R- 100-93
90
3
75
6
2455R- 100-94
100
4
80
7
2455R- 100-95
120
4
100
7
2455R- 100-96
140
4
115
8
Terminals T 146


Similar Part No. - 2455R-100-73

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455R-100-73

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com