Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF06N60ZG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NDF06N60ZG
Description  N-Channel Power MOSFET 600 V, 1.2 
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF06N60ZG Datasheet(HTML) 7 Page - ON Semiconductor

  NDF06N60ZG Datasheet HTML 1Page - ON Semiconductor NDF06N60ZG Datasheet HTML 2Page - ON Semiconductor NDF06N60ZG Datasheet HTML 3Page - ON Semiconductor NDF06N60ZG Datasheet HTML 4Page - ON Semiconductor NDF06N60ZG Datasheet HTML 5Page - ON Semiconductor NDF06N60ZG Datasheet HTML 6Page - ON Semiconductor NDF06N60ZG Datasheet HTML 7Page - ON Semiconductor NDF06N60ZG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NDF06N60Z
http://onsemi.com
7
PACKAGE DIMENSIONS
TO−220 FULLPAK
CASE 221D−03
ISSUE K
STYLE 1:
PIN 1. GATE
2. DRAIN
3. SOURCE
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.617
0.635
15.67
16.12
INCHES
B
0.392
0.419
9.96
10.63
C
0.177
0.193
4.50
4.90
D
0.024
0.039
0.60
1.00
F
0.116
0.129
2.95
3.28
G
0.100 BSC
2.54 BSC
H
0.118
0.135
3.00
3.43
J
0.018
0.025
0.45
0.63
K
0.503
0.541
12.78
13.73
L
0.048
0.058
1.23
1.47
N
0.200 BSC
5.08 BSC
Q
0.122
0.138
3.10
3.50
R
0.099
0.117
2.51
2.96
S
0.092
0.113
2.34
2.87
U
0.239
0.271
6.06
6.88
SEATING
PLANE
−T−
U
C
S
J
R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH
3. 221D-01 THRU 221D-02 OBSOLETE, NEW
STANDARD 221D-03.
−B−
−Y−
G
N
D
L
K
H
A
F
Q
3 PL
12 3
M
B
M
0.25 (0.010)
Y


Similar Part No. - NDF06N60ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF06N60ZG ONSEMI-NDF06N60ZG Datasheet
143Kb / 6P
   NDP06N60Z
June, 2009 ??Rev. 0
NDF06N60ZG ONSEMI-NDF06N60ZG Datasheet
124Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com