Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-00234-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-00234-2
Description  Insulated Phone Tip Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00234-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00234-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Insulated Phone Tip Jack
• Material: Banana Jack: nickel-plated brass body; Spring: nickel-plated
phosphor bronze; Insulator: ABS
• Length: 1” (25 mm)
• *Std. Colors: -0 Black, -2 Red
• Rating: 15 Amps
RoHS Compliant
Part Number:
BU-00234- *
Description:
Insulated Phone Tip Jack
3507


Similar Part No. - BU-00234-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
BU-00233-2 ETC2-BU-00233-2 Datasheet
51Kb / 1P
   Insulated Banana Jack
More results

Similar Description - BU-00234-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4543 POMONA-4543 Datasheet
31Kb / 1P
   Insulated Double Pin Tip Jack
3542 POMONA-3542 Datasheet
43Kb / 1P
   Insulated Panel Mount Pin Tip Jack
3491 POMONA-3491 Datasheet
24Kb / 1P
   Insulated Minigator Clip To Pin Tip Jack
logo
3M Electronics
3491-0 3M-3491-0 Datasheet
26Kb / 1P
   Insulated Minigator Clip To Pin Tip Jack
logo
List of Unclassifed Man...
BU-60PR2 ETC2-BU-60PR2 Datasheet
49Kb / 1P
   Phone Tip Alligator Clip
logo
Adam Technologies, Inc.
ASJ-63A-3 ADAM-TECH-ASJ-63A-3 Datasheet
78Kb / 1P
   PHONE JACK
ASJ-117-C ADAM-TECH-ASJ-117-C Datasheet
81Kb / 1P
   PHONE JACK
ASJ-119-A ADAM-TECH-ASJ-119-A Datasheet
80Kb / 1P
   PHONE JACK
ASJ-22-3 ADAM-TECH-ASJ-22-3 Datasheet
81Kb / 1P
   PHONE JACK
logo
List of Unclassifed Man...
867-W ETC2-867-W Datasheet
67Kb / 1P
   Tip Plug (Insulated Solderless)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com