Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81081 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP81081
Description  Integrated Driver and MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81081 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP81081 Datasheet HTML 1Page - ON Semiconductor NCP81081 Datasheet HTML 2Page - ON Semiconductor NCP81081 Datasheet HTML 3Page - ON Semiconductor NCP81081 Datasheet HTML 4Page - ON Semiconductor NCP81081 Datasheet HTML 5Page - ON Semiconductor NCP81081 Datasheet HTML 6Page - ON Semiconductor NCP81081 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NCP81081
http://onsemi.com
7
PACKAGE DIMENSIONS
QFN40 6x6, 0.5P
MN SUFFIX
CASE 485AZ
ISSUE O
SEATING
0.15
C
(A3)
A
A1
b
1
40
2X
2X
40X
L
40X
BOTTOM VIEW
TOP VIEW
SIDE VIEW
D
A B
E
0.15
C
PIN ONE
LOCATION
0.10
C
0.08
C
C
e
A
0.10
B
C
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSIONS: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30mm FROM TERMINAL
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. POSITIONAL TOLERANCE APPLIES TO ALL
THREE EXPOSED PADS.
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
−−−
0.05
A3
0.20 REF
b
0.18
0.30
D
6.00 BSC
D2
2.30
2.50
E
6.00 BSC
4.50
E2
4.30
e
0.50 BSC
L
0.30
0.50
K
0.20
−−−
PLANE
SOLDERING FOOTPRINT
D3
1.40
1.60
2.10
E3
1.90
L1
−−−
0.15
NOTE 4
e/2
E2
D2
NOTE 3
E3
43X
DETAIL B
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
G
2.20 BSC
D3
E3
G
DETAIL A
A
0.10
B
C
NOTE 5
K
DIMENSIONS: MILLIMETERS
2.16
6.30
4.56
4.56
2.56
0.50
0.63
0.30
40X
40X
PITCH
2.16
6.30
1.66
PKG
OUTLINE
1
G
G
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCP81081/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP81081

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81080 ONSEMI-NCP81080 Datasheet
146Kb / 12P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080DR2G ONSEMI-NCP81080DR2G Datasheet
146Kb / 12P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
NCP81080MNTBG ONSEMI-NCP81080MNTBG Datasheet
146Kb / 12P
   High Performance Dual MOSFET Gate Driver
October, 2017 ??Rev. 1
More results

Similar Description - NCP81081

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5369 ONSEMI-NCP5369_15 Datasheet
79Kb / 8P
   Integrated Driver and MOSFET
April, 2015 ??Rev. 5
NCP81381 ONSEMI-NCP81381 Datasheet
230Kb / 16P
   Integrated Driver and MOSFET
November, 2015 ??Rev. 1
NCP5369MNR2G ONSEMI-NCP5369MNR2G Datasheet
117Kb / 7P
   Integrated Driver and MOSFET
April, 2013 ??Rev. 4
NCP302055 ONSEMI-NCP302055 Datasheet
323Kb / 16P
   Integrated Driver and MOSFET
November, 2018 ??Rev. 0
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP81382 ONSEMI-NCP81382 Datasheet
255Kb / 16P
   Integrated Driver and MOSFET
February, 2016 ??Rev. 2
NCP302045 ONSEMI-NCP302045 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP302040 ONSEMI-NCP302040 Datasheet
594Kb / 17P
   Integrated Driver and MOSFET
September, 2017 ??Rev. 2
NCP252160 ONSEMI-NCP252160 Datasheet
881Kb / 18P
   Integrated Driver and MOSFET
July, 2020 ??Rev. 0
NCP252161 ONSEMI-NCP252161 Datasheet
921Kb / 18P
   Integrated Driver and MOSFET
February, 2023 - Rev. 2
NCP81391 ONSEMI-NCP81391 Datasheet
760Kb / 13P
   Integrated Driver and MOSFET
August, 2017 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com