Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6131NS52MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP6131NS52MNR2G
Description  NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6131NS52MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP6131NS52MNR2G Datasheet HTML 1Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Enabling Energy Efficient Solutions
Product Overview
Created on: 5/4/2012
NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller + 1-Phase GPU Controller
For complete documentation, see the data sheet
Product Description
NCP6151S/NCP6151SA/NCP6131S/NCP6131SA dual output four plus one phase buck solution is optimized for Intel VR12
compatible CPUs. The controller combines true differential voltage sensing, differential inductor DCR current sensing, input
voltage feed-forward, and adaptive voltage positioning to provide accurately regulated power for both desktop and notebook
applications.
The control system is based on dual-edge pulse width modulation (PWM) combined with DCR current sensing providing the
fastest initial response to dynamic load events and reduced system cost. It also sheds to single phase during light load operation
and can auto frequency scale in light load while maintaining excellent transient performance.
Features
• Meets Intel VR12/IMVP7 specifications
• Current mode dual-edge modulation for fastest initial response to transient loading
• Dual high performance operational error amplifier
• One digital soft start ramp for both rails
Applications
• Desktop and notebook processors
Part Electrical Specifications
Product
Compliance
Status
Topology
Phases
Control
Mode
VCC Min (V)
VCC Max (V) fSW Typ
(kHz)
tres Typ (ns)
Package
Type
NCP6131NS52MNR2
G
Pb-free
Halide free
Active
QFN-52
NCP6131S52MNR2G
Pb-free
Halide free
Active
QFN-52
Package Availability
Type
Pb-free
Standard
QFN-52

For more information please contact your local sales support at www.onsemi.com


Similar Part No. - NCP6131NS52MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP6132A ONSEMI-NCP6132A Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132ADMNR2G ONSEMI-NCP6132ADMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6132B ONSEMI-NCP6132B Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
More results

Similar Description - NCP6131NS52MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Maxim Integrated Produc...
MAX17409 MAXIM-MAX17409 Datasheet
511Kb / 32P
   1-Phase Quick-PWM GPU Controller
Rev 1; 7/09
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
uPI Group Inc.
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
   3/2/12/1-Phase PWM Controller
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
   3/2/12/1-Phase PWM Controller
logo
Intersil Corporation
ISL6364 INTERSIL-ISL6364 Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6366 INTERSIL-ISL6366 Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
logo
uPI Group Inc.
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
   2-Phase 1-Phase PWM Controller
logo
ON Semiconductor
NCP5386 ONSEMI-NCP5386 Datasheet
346Kb / 33P
   1/2 Phase Controller for CPU and Chipset Applications
May, 2008 ??Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com