Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS140A31 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS140A31
Description  140MHz SAW Filter 4MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS140A31 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS140A31 Datasheet HTML 1Page - SIPAT Co,Ltd LBS140A31 Datasheet HTML 2Page - SIPAT Co,Ltd LBS140A31 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS140A31
Rev. Date
2010-11-18
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
4MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS140A31
Typical Performance
Frequency Respond
Passband Respond
130
135
140
145
150
-113.9983
-103.9983
-93.9983
-83.9983
-73.9983
-63.9983
-53.9983
-43.9983
-33.9983
-23.9983
-13.9983
Type Performance
Frequency(MHz)
135
136
137
138
139
140
141
142
143
144
145
-26.4983
-25.9983
-25.4983
-24.9983
-24.4983
-23.9983
-23.4983
-22.9983
-22.4983
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1.5MHz)
Phase Linearity(f0±1.5MHz)
137
138
139
140
141
142
143
2200
2400
2600
2800
3000
3200
3400
3600
3800
X: 140
Y: 3129
Type Performance
Frequency(MHz)
X: 141.5
Y: 3104
X: 138.5
Y: 3078
137
138
139
140
141
142
143
-25
-20
-15
-10
-5
0
5
10
15
20
X: 141.5
Y: 0.3383
Type Performance
Frequency(MHz)
X: 138.5
Y: -1.683
X: 140
Y: -0.7848
Horizontal: 1MHz/Div
Vertical: 200ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS140A31

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS140A31 SIPAT-LBS140A31 Datasheet
149Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A31 SIPAT-LBS140A31_10 Datasheet
149Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS140A31

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT140A24 SIPAT-LBT140A24 Datasheet
150Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A31 SIPAT-LBS140A31_10 Datasheet
149Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A55 SIPAT-LBS140A55 Datasheet
141Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A61 SIPAT-LBS140A61 Datasheet
148Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A33 SIPAT-LBS140A33 Datasheet
150Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBT140A24 SIPAT-LBT140A24 Datasheet
150Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A26 SIPAT-LBS140A26 Datasheet
150Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A31 SIPAT-LBS140A31 Datasheet
149Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A33 SIPAT-LBS140A33 Datasheet
150Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
LBS140A61 SIPAT-LBS140A61 Datasheet
148Kb / 3P
   140MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com