Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S801AFLFT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICS932S801AFLFT
Description  K8 Clock Chip for Serverworks GC-HT 2-Way Servers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS932S801AFLFT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICS932S801AFLFT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS932S801AFLFT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
ICS932S801
0959C—03/13/06
Electrical Characteristics - SRC 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2Ω, RP=49.9Ω, ΙREF = 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source Output
Impedance
Zo
VO = Vx
3000
1
Voltage High
VHigh
660
850
1,3
Voltage Low
VLow
-150
150
1,3
Max Voltage
Vovs
1150
1
Min Voltage
Vuds
-300
1
Crossing Voltage (abs) Vcross(abs)
250
350
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
12
140
mV
1
Long Accuracy
ppmsee Tperiod min-max values
-300
300
ppm1,2
100.00 MHz nominal
9.9970 10.0000 10.0030
ns
2
100.00 MHz spread
9.9970
10.0530
ns
2
Absolute min period
Tabsmin
@100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
30
125
ps
1
Fall Time Variation
d-tf
30
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
55
%
1
Group Skew
tsrc-skew
Measurement from differential
wavefrom
N/A
ps
PCI Express Gen 1 phase jitter
CPU=200MHz, Spread off
38
86
ps
1, 4
PCI Express Gen 1 phase jitter
CPU=200MHz, Spread on
52
86
ps
1, 4
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom
100
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
3I
REF = VDD/(3xRR). For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
4Per PCI SIG method for PCI Express Gen 1. Visit http://www.pcisig.com for details.
mV
Measurement on single ended
signal using absolute value.
mV
Statistical measurement on
single ended signal using
oscilloscope math function.
Jitter, Phase
tjphase-pcie1
Tperiod
Average period


Similar Part No. - ICS932S801AFLFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
More results

Similar Description - ICS932S801AFLFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS932S801AFLF ETC2-ICS932S801AFLF Datasheet
183Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
logo
Integrated Device Techn...
ICS932S805C IDT-ICS932S805C Datasheet
169Kb / 19P
   K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com