Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-J01-CY Datasheet(PDF) 3 Page - Vicor Corporation

Part # VE-J01-CY
Description  Half Brick, DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-J01-CY Datasheet(HTML) 3 Page - Vicor Corporation

  VE-J01-CY Datasheet HTML 1Page - Vicor Corporation VE-J01-CY Datasheet HTML 2Page - Vicor Corporation VE-J01-CY Datasheet HTML 3Page - Vicor Corporation VE-J01-CY Datasheet HTML 4Page - Vicor Corporation VE-J01-CY Datasheet HTML 5Page - Vicor Corporation VE-J01-CY Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VI-J00 DC-DC Converters
Rev 2.8
vicorpower.com
Page 3 of 6
10/2013
800 927.9474
VI-J00, VE-J00
CONVERTERSPECIFICATIONS(cont.)
[a] 10 V, 12 V, 13.8 V, 15 V outputs, or “V” input range have standard trim range ±10%. Consult factory for wider trim range.
95 V output –50 + 0% trim range.
OUTPUTCHARACTERISTICS
VI-J00E-Grade
VI-J00C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Setpoint accuracy
1%
2%
0.5%
1%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
1%
0.2%
0.5%
V
NOM
LL to HL, No Load to 10%
Output temperature drift
0.02
0.01
0.02
% / °C
Over rated temperature
Long term drift
0.02
0.02
% / 1K hours
Output ripple – pp:
2 V, 3.3 V
200
100
150
mV
20 MHz bandwidth
5 V
5%
2%
3%
VNOM
20 MHz bandwidth
10 – 95 V
3%
0.75%
1.5%
VNOM
20 MHz bandwidth
Trim range
[a]
50%
110%
50%
110%
VNOM
Total remote
0.5
0.5
Volts
0.25 V max. neg. leg
sense compensation
Current limit
105%
135%
105%
125%
Ifull load
Automatic restart
Short circuit current
105%
140%
105%
130%
Ifull load
Automatic restart
VI-J00E-Grade
VI-J00C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Gate out impedance
50
50
Ohms
Gate in impedance
1000
1000
Ohms
Gate in high threshold
66
Volts
Use open collector
Gate in low threshold
0.65
0.65
Volts
Gate in low current
66
mA
CONTROLPINSPECIFICATIONS


Similar Part No. - VE-J01-CY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J00 VICOR-VE-J00 Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VE-J00 VICOR-VE-J00 Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results

Similar Description - VE-J01-CY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
LV200 WALL-LV200 Datasheet
649Kb / 12P
   200 Watt Half-Brick DC - DC Power Converters
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
   82.5-100.8 Watts, Half-Brick DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com