Electronic Components Datasheet Search |
|
RB521S-30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RB521S-30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page RB521S-30 200 mA Schottky Barrier Diode 30 Volts Features • High Reliability • Low Reverse Current and Low Forward Voltage. • Small Surface Mount Type Maximum Ratings Symbol Rating Rating Unit VR DC Reverse Voltage 30 V IO Mean Rectifying Current 200 mA IFSM Peak Forward Surge Current* 1 A TJ Junction Temperature 125 TSTG Storage Temperature -40 to +125 Electrical Characteristics @ 25OC Unless Otherwise Specified Symbol Parameter Min Typ Max Units VF Forward Voltage (IF=200mAdc) --- --- 0.5 Vdc IR Reverse Current (VR=10Vdc) --- --- 30 uAdc SOD-523 omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC www.mccsemi.com Revision: C 20 13/01/01 TM Micro Commercial Components Marking :C 1 of 3 • Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information) DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .059 .067 1.50 1.70 B .043 .051 1.10 1.30 C .030 .033 0.75 0.85 D .001 .003 0.01 0.07 E .010 .014 0.25 0.35 F .003 .00 6 0.08 0.15 G .020 .028 0.50 0.70 H .020 .031 0.51 0.7 7 A B E C H G D F • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 • Halogen free available upon request by adding suffix "-HF" |
Similar Part No. - RB521S-30 |
|
Similar Description - RB521S-30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |