Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1A23D25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RM1A23D25
Description  Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM1A23D25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RM1A23D25 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM1A23D25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM1A23D25 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Input Specifications
RM1A, RM1B
Output Specifications
RM1....25
RM....50
RM1....75
RM1....100
Rated operational current
AC51 @ Ta=25°C
25Arms
50Arms
75Arms
100Arms
AC53a @ Ta=25°C
5Arms
15Arms
20Arms
30Arms
Min. operational current
150mA
250mA
400mA
500mA
Rep. overload current t=1 s
< 55AACrms
< 125AACrms
< 150AACrms
< 200AACrms
Non-rep. surge current t=10 ms
325Ap
600Ap
1150Ap
1900Ap
Off-state leakage current @
rated voltage and frequency
< 3mArms
< 3mArms
< 3mArms
< 3mArms
I2t for fusing t=10 ms
< 525A2s
< 1800A2s
< 6600A2s
< 18000A2s
On-state voltage drop @ rated current
1.6Vrms
1.6Vrms
1.6Vrms
1.6Vrms
Critical dV/dt off-state min.
1000V/µs
1000V/µs
1000V/µs
1000V/µs
General Specifications
RM1...D..
RM1...A..
Control voltage range
RM1A23...
3 - 32VDC
20 - 280VAC, 22 - 48VDC
RM1A40... RM1A48... RM1A60...
4 - 32VDC
20 - 280VAC, 22 - 48VDC
RM1B...
4 - 32VDC
-
Pick-up voltage @ Ta = 25˚C
RM1A23...
2.5VDC
18VAC/DC
RM1A40... RM1A48... RM1A60...
3.5VDC
18VAC/DC
RM1B ...
3.5VDC
-
Reverse voltage
32VDC
-
Drop out voltage
1.2VDC
6VAC/DC
Input current @ max input voltage
RM1A
≤12 mA
≤ 20mA
RM1B
≤15 mA
-
Response time pick-up
RM1A
≤1/2 cycle
≤ 12ms
RM1B
≤0.1ms
-
Response time drop-out
≤1/2 cycle
≤ 40ms
RM1.23...
RM1.40...
RM1.48...
RM1.60...
Operational voltage range
RM1A...
24 to 265VACrms
42 to 440VACrms
42 to 530VACrms
42 to 660VACrms
RM1B...
42 to 265VACrms
42 to 440VACrms
42 to 530VACrms
42 to 660VACrms
Blocking voltage
≥ 650V
p
≥ 850V
p
≥ 1200V
p
≥ 1400V
p
Zero voltage turn-on
≤ 10V
≤ 10V
≤ 10V
≤ 10V
Operational frequency range
45 to 65Hz
45 to 65Hz
45 to 65Hz
45 to 65Hz
Power factor
> 0.5 @ 230VACrms
> 0.5 @ 400VACrms
> 0.5 @ 480VACrms
> 0.5 @ 600VACrms
Approvals
UL, cUL, CSA
UL, cUL, CSA
UL, cUL, CSA
UL, cUL, CSA
CE-marking
Yes
Yes
Yes
Yes *
* Heatsink must be connected to ground


Similar Part No. - RM1A23D25

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM1A SANKEN-RM1A Datasheet
20Kb / 1P
   Rectifier Diodes
RM1A SANKEN-RM1A Datasheet
189Kb / 4P
   Silicon Diode
More results

Similar Description - RM1A23D25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
Omron Electronics LLC
G3PF OMRON-G3PF Datasheet
1Mb / 13P
   Solid State Relays with Built-in Current Transformer
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com