Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1985-F5 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1985-F5
Description  16-kbit Add-Only iButton
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985-F5 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1985-F5 Datasheet HTML 4Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 5Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 6Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 7Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 8Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 9Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 10Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 11Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DS1985
8 of 25
READ STATUS [AAH]
The Read Status command is used to read data from the EPROM Status data field. The bus master
follows the command byte with a 2-byte address (TA1=(T7:T0), TA2=(T15:T8)) that indicates a starting
byte location within the data field. With every subsequent read data time slot the bus master receives data
from the DS1985 starting at the supplied address and continuing until the end of an 8-byte page of the
EPROM Status data field is reached. At that point the bus master will receive a 16-bit CRC of the
command byte, address bytes and status data bytes. This CRC is computed by the DS1985 and read back
by the bus master to check if the command word, starting address and data were received correctly. If the
CRC read by the bus master is incorrect, a Reset Pulse must be issued and the entire sequence must be
repeated.
Note that the initial pass through the Read Status flow chart will generate a 16-bit CRC value that is the
result of clearing the CRC generator and then shifting in the command byte followed by the two address
bytes, and finally the data bytes beginning at the first addressed memory location and continuing through
to the last byte of the addressed EPROM Status data page. The last byte of a Status data page always has
an ending address of xx7 or xxFH. Subsequent passes through the Read Status flow chart will generate a
16-bit CRC that is the result of clearing the CRC generator and then shifting in the new data bytes starting
at the first byte of the next page of the EPROM Status data field.
This feature is provided since the EPROM Status information may change over time making it impossible
to program the data once and include an accompanying CRC that will always be valid. Therefore, the
Read Status command supplies a 16-bit CRC that is based on and always is consistent with the current
data stored in the EPROM Status data field.
After the 16-bit CRC of the last EPROM Status data page is read, the bus master will receive logical 1s
from the DS1985 until a Reset Pulse is issued. The Read Status command sequence can be ended at any
point by issuing a Reset Pulse.


Similar Part No. - DS1985-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
   16Kb Add-Only iButton
Rev 8/09
More results

Similar Description - DS1985-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
   1-kbit Add-Only iButton
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
   16-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
   16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
   16Kb Add-Only iButton
Rev 8/09
DS1982 MAXIM-DS1982 Datasheet
695Kb / 24P
   1Kb Add-Only iButton
Rev 8/09
logo
Dallas Semiconductor
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
   64-kbits Add-Only iButton?
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
   1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
   64-kbit Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
   16-kbit Memory iButton
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com