Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9093A Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS9093A
Description  RTC iButton
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9093A Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS9093A Datasheet HTML 4Page - Dallas Semiconductor DS9093A Datasheet HTML 5Page - Dallas Semiconductor DS9093A Datasheet HTML 6Page - Dallas Semiconductor DS9093A Datasheet HTML 7Page - Dallas Semiconductor DS9093A Datasheet HTML 8Page - Dallas Semiconductor DS9093A Datasheet HTML 9Page - Dallas Semiconductor DS9093A Datasheet HTML 10Page - Dallas Semiconductor DS9093A Datasheet HTML 11Page - Dallas Semiconductor DS9093A Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS1904
10 of 12
READ/WRITE TIMING DIAGRAM Figure 9
Write-one Time Slot
15µs
(OD: 2µs)
60µs
(OD: 6µs)
DS1904
Sampling
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
tLOW1
60 µs≤ tSLOT < 120
1 µs≤ tLOW1 < 15 µs
1 µs≤ tREC <
RESISTO
MASTER
Write-zero Time Slot
15µs
RESISTOR
MASTER
(OD: 2µs)
DS1904
60µs
tLOW0
Sampling Window
(OD: 6µs)
60 µs
≤ t
LOW0 < tSLOT < 120 µs
1 µs ≤ tREC <
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
Read-data Time Slot
RESISTOR
MASTER
DS1904
Master
Sampling Window
60 µs
≤ t
SLOT < 120 µs
1 µs ≤ tLOWR < 15 µs
0 ≤ tRELEASE < 45 µs
1 µs ≤ tREC <
tRDV = 15 µs
tSU < 1 µs
V
PULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
tLOWR
tSU
tRDV
tRELEASE


Similar Part No. - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
103Kb / 2P
   iButton Key Ring Mounts
logo
Maxim Integrated Produc...
DS9093A MAXIM-DS9093A Datasheet
139Kb / 12P
   Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9093A MAXIM-DS9093A Datasheet
675Kb / 42P
   Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9093A MAXIM-DS9093A Datasheet
649Kb / 55P
   Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
198Kb / 3P
   iButton Key Ring Mounts
More results

Similar Description - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
   SHA iButton
logo
Maxim Integrated Produc...
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
   iButton Probe
8/09
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
   iButton Capsule
11/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
   Temperature iButton
Rev 8/09
DS1904 MAXIM-DS1904_11 Datasheet
139Kb / 12P
   Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
logo
Dallas Semiconductor
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
   Multi iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
DS1920 DALLAS-DS1920 Datasheet
729Kb / 22P
   Temperature iButton
DS9098P DALLAS-DS9098P Datasheet
58Kb / 1P
   iButton Retainer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com