Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9093A Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS9093A
Description  RTC iButton
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9093A Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS9093A Datasheet HTML 3Page - Dallas Semiconductor DS9093A Datasheet HTML 4Page - Dallas Semiconductor DS9093A Datasheet HTML 5Page - Dallas Semiconductor DS9093A Datasheet HTML 6Page - Dallas Semiconductor DS9093A Datasheet HTML 7Page - Dallas Semiconductor DS9093A Datasheet HTML 8Page - Dallas Semiconductor DS9093A Datasheet HTML 9Page - Dallas Semiconductor DS9093A Datasheet HTML 10Page - Dallas Semiconductor DS9093A Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS1904
7 of 12
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus
MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low
for more than 120
µs, one or more of the devices on the bus may be reset. Since the DS1904 gets all its
energy for operation through its VDD pin it will NOT perform a power-on reset if the 1-Wire bus is low
for an extended time period.
Transaction Sequence
The protocol for accessing the DS1904 via the 1-Wire port is as follows:
• Initialization
• ROM Function Command
• Clock Function Command
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence con-
sists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the
slave(s). The presence pulse lets the bus master know that the DS1904 is on the bus and is ready to
operate. For more details, see the “1-Wire Signaling” section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four ROM function commands that
the DS1904 supports. All ROM function commands are eight bits long. A list of these commands follows
(refer to flowchart in Figure 7):
Read ROM [33h]
This command allows the bus master to read the DS1904’s 8-bit family code, unique 48-bit serial num-
ber, and 8-bit CRC. This command should only be used if there is a single slave on the bus. If more than
one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same time
(open drain will produce a wired-AND result). The resultant family code and 48-bit serial number read by
the master will be invalid.
Match ROM [55h]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a spe-
cific DS1904 on a multidrop bus. Only the DS1904 that exactly matches the 64-bit ROM sequence will
respond to the following clock function command. All slaves that do not match the 64-bit ROM sequence
will wait for a reset pulse. This command can be used with a single or multiple devices on the bus.
SEARCH ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-
Wire bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process
of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process
is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the de-
sired value of that bit. The bus master performs this 3-step routine on each bit of the ROM. After one
complete pass, the bus master knows the 64-bit ROM code of one device. Additional passes will identify
the ROM codes of the remaining devices. See Chapter 5 of the Book of DS19xx iButton Standards for a
comprehensive discussion of a search ROM, including an actual example.


Similar Part No. - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
103Kb / 2P
   iButton Key Ring Mounts
logo
Maxim Integrated Produc...
DS9093A MAXIM-DS9093A Datasheet
139Kb / 12P
   Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9093A MAXIM-DS9093A Datasheet
675Kb / 42P
   Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9093A MAXIM-DS9093A Datasheet
649Kb / 55P
   Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
198Kb / 3P
   iButton Key Ring Mounts
More results

Similar Description - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
   SHA iButton
logo
Maxim Integrated Produc...
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
   iButton Probe
8/09
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
   iButton Capsule
11/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
   Temperature iButton
Rev 8/09
DS1904 MAXIM-DS1904_11 Datasheet
139Kb / 12P
   Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
logo
Dallas Semiconductor
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
   Multi iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
DS1920 DALLAS-DS1920 Datasheet
729Kb / 22P
   Temperature iButton
DS9098P DALLAS-DS9098P Datasheet
58Kb / 1P
   iButton Retainer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com