Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-102BK-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-102BK-0
Description  Insulated Battery Clip has Kelvinized isolated jaws
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-102BK-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-102BK-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Insulated Battery Clip
• Has Kelvinized isolated jaws
• Material: Housing: glass-filled nylon; Jaw: copper;
Spring: Music wire, zinc plated
• Length: 6.5”(165mm)
• *Std. Colors: -0 Black -2 Red
Rating: 300 Amps
Part Number:
BU-102BK-*
Description:
Insulated Battery Clip
has Kelvinized isolated jaws
2907


Similar Part No. - BU-102BK-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-102BK-0 ETC2-BU-102BK-0 Datasheet
138Kb / 1P
   Large Insulated Kelvin Battery Clip
More results

Similar Description - BU-102BK-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-102B-0 ETC2-BU-102B-0 Datasheet
50Kb / 1P
   Insulated Battery Clip
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
   Insulated Kelvin Battery Clip
BU-102BK ETC2-BU-102BK Datasheet
138Kb / 1P
   Large Insulated Kelvin Battery Clip
logo
Pomona Electronics
5912B POMONA-5912B Datasheet
51Kb / 1P
   Maxigrabber Test Clip Set With Jaws
logo
List of Unclassifed Man...
12BH003-GR ETC2-12BH003-GR Datasheet
158Kb / 1P
   Battery Clip
logo
Adam Technologies, Inc.
BH-43 ADAM-TECH-BH-43 Datasheet
56Kb / 1P
   BATTERY CLIP
logo
List of Unclassifed Man...
BU-112-0 ETC2-BU-112-0 Datasheet
285Kb / 1P
   Insulated Mini Clip
BU-63-0 ETC2-BU-63-0 Datasheet
83Kb / 1P
   Insulated Alligator Clip
BU-102W-0 ETC2-BU-102W-0 Datasheet
51Kb / 2P
   Insulated Welding Clip
12BH980-GR ETC2-12BH980-GR Datasheet
169Kb / 1P
   9V Battery Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com