Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1168BCEG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1168BCEG
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1168BCEG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1168BCEG Datasheet HTML 1Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 2Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 3Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 4Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 5Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 6Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 7Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 8Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz external clock (50% duty cycle), 24 clocks/conversion (200ksps), external VREF
= +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Clock Frequency
fINTCLK
Internal clock
3.2
4.0
MHz
Aperture Delay
tAD
15
ns
Aperture Jitter
tAJ
<50
ps
8-bit-wide data-transfer mode
4.17
200.00
16-bit-wide data-transfer mode
3.125
150.00
Internal clock, single conversion, 8-bit-wide
data-transfer mode
89
Internal clock, single conversion, 16-bit-
wide data-transfer mode
68
Internal clock, scan mode, 8-bit-wide data-
transfer mode (four conversions)
103
Sample Rate (Note 7)
fS
External clock, scan mode, 16-bit-wide
data-transfer mode (four conversions)
82
ksps
Duty Cycle
45
55
%
ANALOG INPUT (AIN_)
Input Range
VAIN_
0
VREF
V
Input Capacitance
CAIN_
45
pF
EXTERNAL REFERENCE
Input Voltage Range
VREF
(Note 8)
3.8
AVDD
- 0.2
V
VAIN_ = 0
34
SCLK idle
0.1
Input Current
IREF
CS = DVDD, SCLK idle
0.1
μA
INTERNAL REFERENCE
Reference Voltage
VREFIN
4.042
4.096
4.136
V
Reference Short-Circuit Current
IREFSC
13
mA
Reference Temperature
Coefficient
±25
ppm/°C
Reference Wake-Up Time
tRWAKE
VREF = 0
5
ms
DIGITAL INPUTS (SCLK,
CS, DSEL, DSPR, DIN) (DVDD = +2.7V to +5.25V)
Input High Voltage
VIH
0.7
DVDD
V
Input Low Voltage
VIL
0.3
DVDD
V
Input Leakage Current
IIN
Digital inputs = 0 to DVDD
±0.1
±1
μA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF


Similar Part No. - MAX1168BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1168BCEG MAXIM-MAX1168BCEG Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1168BCEG MAXIM-MAX1168BCEG Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
More results

Similar Description - MAX1168BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1067 MAXIM-MAX1067 Datasheet
431Kb / 30P
   Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 8/07
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com