Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1168BCEG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1168BCEG
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1168BCEG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1168BCEG Datasheet HTML 1Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 2Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 3Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 4Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 5Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 6Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 7Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 8Page - Maxim Integrated Products MAX1168BCEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX1167/MAX1168 low-power, multichannel, 16-
bit analog-to-digital converters (ADCs) feature a suc-
cessive-approximation ADC, integrated +4.096V
reference, a reference buffer, an internal oscillator,
automatic power-down, and a high-speed SPI™/
QSPI™/MICROWIRE™-compatible interface. The
MAX1167/MAX1168 operate with a single +5V analog
supply and feature a separate digital supply, allowing
direct interfacing with +2.7V to +5.5V digital logic.
The MAX1167/MAX1168 consume only 3.6mA (AVDD =
DVDD = +5V) at 200ksps when using an external reference.
AutoShutdown™ reduces the supply current to 185µA at
10ksps and to less than 10µA at reduced sampling rates.
The MAX1167 includes a 4-channel input multiplexer, and
the MAX1168 accepts up to eight analog inputs.
In addition, digital signal processor (DSP)-initiated con-
versions are simplified with the DSP frame-sync input and
output featured in the MAX1168. The MAX1168 includes
a data-bit transfer input to select between 8-bit-wide or
16-bit-wide data-transfer modes. Both devices feature a
scan mode that converts each channel sequentially or
one channel continuously.
Excellent dynamic performance and low power, com-
bined with ease of use and an integrated reference, make
the MAX1167/MAX1168 ideal for control and data-acqui-
sition operations or for other applications with demanding
power consumption and space requirements. The
MAX1167 is available in a 16-pin QSOP package and the
MAX1168 is available in a 24-pin QSOP package. Both
devices are guaranteed over the commercial (0°C to
+70°C) and extended (-40°C to +85°C) temperature
ranges. Use the MAX1168 evaluation kit to evaluate the
MAX1168.
Applications
Motor Control
Industrial Process Control
Industrial I/O Modules
Data-Acquisition Systems
Thermocouple Measurements
Accelerometer Measurements
Features
♦ 16-Bit Resolution, No Missing Codes
♦ +5V Single-Supply Operation
♦ Adjustable Logic Level (+2.7V to +5.25V)
♦ Input Voltage Range: 0 to VREF
♦ Internal (+4.096V) or External (+3.8V to AVDD)
Reference
♦ Internal Track/Hold, 4MHz Input Bandwidth
♦ Internal or External Clock
♦ SPI/QSPI/MICROWIRE-Compatible Serial
Interface, MAX1168 Performs DSP-Initiated
Conversions
♦ 8-Bit-Wide or 16-Bit-Wide Data-Transfer Mode
(MAX1168 Only)
♦ 4-Channel (MAX1167) or 8-Channel (MAX1168)
Input Mux
Scan Mode Sequentially Converts Multiple
Channels or One Channel Continuously
♦ Low Power
3.6mA at 200ksps
1.85mA at 100ksps
185µA at 10ksps
0.6µA in Full Power-Down Mode
♦ Small Package Size
16-Pin QSOP (MAX1167)
24-Pin QSOP (MAX1168)
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2956; Rev 1; 10/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
INL
(LSB)
MAX1167BCEE
0°C to +70°C
16 QSOP
±3
MAX1167BEEE
-40°C to +85°C
16 QSOP
±3
MAX1168BCEG
0°C to +70°C
24 QSOP
±3
MAX1168BEEG
-40°C to +85°C
24 QSOP
±3
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX1168BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1168BCEG MAXIM-MAX1168BCEG Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1168BCEG MAXIM-MAX1168BCEG Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
More results

Similar Description - MAX1168BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1067 MAXIM-MAX1067 Datasheet
431Kb / 30P
   Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 8/07
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com