Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX212CD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX212CD
Description  3V-Powered, Low-Power, True RS-232 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX212CD Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX212CD Datasheet HTML 1Page - Maxim Integrated Products MAX212CD Datasheet HTML 2Page - Maxim Integrated Products MAX212CD Datasheet HTML 3Page - Maxim Integrated Products MAX212CD Datasheet HTML 4Page - Maxim Integrated Products MAX212CD Datasheet HTML 5Page - Maxim Integrated Products MAX212CD Datasheet HTML 6Page - Maxim Integrated Products MAX212CD Datasheet HTML 7Page - Maxim Integrated Products MAX212CD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
+3V-Powered, Low-Power,
True RS-232 Transceiver
6
_______________________________________________________________________________________
Operating Modes
S
D and EN determine the operation of the MAX212
as follows:
Shutdown
V+ and V- are disabled and the transmitters are put into
a high-impedance state when
S
D is taken to logic low.
Receiver operation is not affected, but power consump-
tion is dramatically reduced while in shutdown mode.
Supply current is minimized when the receiver inputs are
static in any of three states: floating (ground), less than
GND, or greater than VCC. This will be true for all static
RS-232 conditions. The presence of AC signals on receiv-
er inputs will increase VCC current in shutdown.
From a low-power system perspective, powering-up with
non-critical or unused sections of circuitry shut down or
deselected is generally recommended. Activating these
sections only when required saves power and reduces
power-up current surges. Powering-up the MAX212 in
shutdown
mode
(holding
the
shutdown
pin,
S
D, low until VCC > 2.7V), helps to achieve this.
Driving the MAX212 from 5V Logic
The MAX212 can interface with 5V logic while it operates
from a 3V supply, however a 200k
Ω series resistor between
S
D and the +5V logic signal is required (see Figure 2).
This protects the MAX212 by preventing
S
D from sinking
current while V+ is powering up. Also, the UART must not
be permitted to send a logic high to the MAX212’s EN or
transmitter input pins until
S
D is high (not shut down).
Mouse Driveability
The MAX212 has been specifically designed to power
serial mice while operating from low-voltage power
supplies. It has been tested with samples of ten major
mouse models from six manufacturers, including the
leading three, Logitech (5 models), Mouse Systems,
and Microsoft. The MAX212 successfully drove all seri-
al mice and met their respective current and voltage
requirements (Figure 1).
Figure 3 shows the transmitter output voltages under
increasing load current. The MAX212’s switching regu-
lator ensures the transmitters will supply at least ±5V
during worst-case load conditions.
EIA/TIA-232E and 562 Standards
Most of the power drawn by RS-232 circuits is con-
sumed because the EIA/TIA-232E standard demands
that at least ±5V be delivered by the transmitters to
impedances that can be as low as 3k
Ω. For applica-
S
D
EN
RECEIVER
OUTPUTS
DRIVER
OUTPUTS
L
L
High-Z
High-Z
Off
Minimum
L
H
Enabled
High-Z
Off
Minimum
H
L
High-Z
Enabled
On
Normal
H
H
Enabled
Enabled
On
Normal
SUPPLY
CURRENT
PART
No. OF
TRANSMITTERS/
RECEIVERS
DATA RATE
(kbps)
FEATURES
MAX212
3.0 to 3.6
3/5
5
250
True RS-232 from +3V
MAX560
3.0 to 3.6
4/5
2
120
2 receivers active in shutdown
MAX561
3.0 to 3.6
4/5
0
120
Pin compatible with MAX241
MAX562
2.7 to 5.25
3/5
5
250
Wide supply range
POWER-SUPPLY
VOLTAGE
(V)
No. OF
RECEIVERS
ACTIVE IN
SHUTDOWN
____________________________+3V Powered RS-232 Transceivers from Maxim
DC-DC
CONVERTER
MAX212
T_IN
SD
+3.3V
DC-DC CONVERTER
R_OUT
R_IN
TX
X3
RX
X5
EN
T_OUT
LN
LP
V-
GND
+5V
LOGIC
SIGNALS
200k
V+
Figure 2. Connecting to +5V Logic


Similar Part No. - MAX212CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
   Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
MAX2120 MAXIM-MAX2120 Datasheet
314Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 0; 6/07
MAX2120 MAXIM-MAX2120 Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2120 MAXIM-MAX2120 Datasheet
650Kb / 11P
   All Critical Peripheral Components Included
Rev 2; 11/14
More results

Similar Description - MAX212CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX218 MAXIM-MAX218 Datasheet
92Kb / 8P
   1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
19-0246; Rev 1; 7/95
logo
Exar Corporation
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
   3V RS-232 Serial Transceiver
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
   Line-Powered RS-232 Transceiver Chip
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
   5 V Powered RS-232/RS-422 Transceiver
Rev. D
AD7306 AD-AD7306 Datasheet
149Kb / 8P
   5 V Powered RS-232/RS-422 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
logo
Sipex Corporation
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
   True 3V or 5V RS-232 Line Driver/Receiver
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
   3V RS-232 Serial Transceiver with Logic Selector
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
   5V-Powered, Multichannel RS-232
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
   Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com