Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP2184MU Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQP2184MU
Description  Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP2184MU Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQP2184MU Datasheet HTML 1Page - Panasonic Semiconductor ECQP2184MU Datasheet HTML 2Page - Panasonic Semiconductor ECQP2184MU Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Polypropylene Film Capacitor
Type:
ECQP(U)
Non-inductive construction using Polypropylene film
with flame retardant epoxy resin coating
IFeatures
Low loss and excellent frequency characteristics
Excellent temperature characteristics
High insulation resistance
RoHS directive compliant
IRecommended Applications
High frequency and high current circuits
General purpose circuit
IExplanation of Part Numbers
123456789
10
11
E
C
Q
P
U
IExplanation of Part Number for Odd Size Taping
E
C
Q
P
R
Product code
Dielectric &
construction
Rated volt.
Capacitance
U
7.5 mm
Crimped lead
Cap. Tol. Suffix
ISpecifications
Product code
Dielectric &
construction
Rated volt.
Capacitance
Cap. Tol. Suffix
Suffix
200 VDC 400 VDC 630 VDC
246
±2 % ±5 % ±10 %
GJ
K
Crimped lead
B
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
– 40 ˚C to + 105 ˚C
200 VDC, 400 VDC, 630 VDC
(Derating of rated voltage by 2.0 %/˚C at more than 85 ˚C)
(Derating is required according to cap. value.) (
❈Refer to the following table)
200 V : 0.015 µF to 0.47 µF
400 V : 0.0082 µF to 0.47 µF
630 V : 0.0010 µF to 0.10 µF
±2 %(G), ±5 %(J), ±10 %(K)
tan <
=0.1 % (20 ˚C, 1 kHz)
Between terminals : Rated volt. (VDC)250 % 1 s to 5 s
Insulation resistance (IR)
C<
=0.33 µF : IR>
=45000 MΩ
(20 ˚C, 100 VDC, 60 s)
C>0.33 µF : IR>
=15000 MΩ .µF
❈ Derating of rated voltage to capacitance value
Cap. value (µF)
Cap. value (µF)
0.11 — 0.12
0.13 — 0.15
0.16 — 0.18
0.20 — 0.22
0.24 — 0.27
0.30 — 0.33
0.36 — 0.39
0.43 — 0.47
Rated volt.
Rated volt.
200 VDC
200 VDC
400 VDC
400 VDC
630 VDC
630 VDC
195 V
190 V
185 V
180 V
175 V
170 V
165 V
160 V
390 V
380 V
370 V
360 V
350 V
340 V
320 V
300 V
615 V
600 V
585 V
570 V
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Mar. 2006


Similar Part No. - ECQP2184MU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP2184MU PANASONIC-ECQP2184MU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
More results

Similar Description - ECQP2184MU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com