Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1866 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1866
Description  Log Trimmer Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1866 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1866 Datasheet HTML 1Page - Dallas Semiconductor DS1866 Datasheet HTML 2Page - Dallas Semiconductor DS1866 Datasheet HTML 3Page - Dallas Semiconductor DS1866 Datasheet HTML 4Page - Dallas Semiconductor DS1866 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS1866
2 of 5
102199
OPERATION
The DS1866 is a single volatile potentiometer. The device has a total of eight positions providing a
resolution of 5 dB per step and giving a total attenuation range of 0 dB to -35 dB. These tap points are
accessible to the W-terminal whose position is controlled via a 3-terminal parallel port consisting of input
signals P0, P1, and P2. A block diagram of the DS1866 is shown in Figure 1.
Wiper position setting of the DS1866 is determined by the states of the P0, P1, and P2 input terminals.
Table 1 below outlines position setting versus value of the parallel port inputs. A Position-0 setting places
the wiper position at the L-terminal of the potentiometer and provides 35 dB of attenuation. As wiper
position increases, attenuation decreases with Position-7 giving 0 dB of attenuation.
On power-up, the wiper position of the DS1866 will be set to the P0, P1, and P2 values.
P2 P1 P0
(binary)
Wiper
Position
Attenuation
(dB)
000
0
35 dB
001
1
30 dB
010
2
25 dB
011
3
20 dB
100
4
15 dB
101
5
10 dB
110
6
5 dB
111
7
0 dB
PIN DESCRIPTIONS
VCC - Power Supply Terminal. The DS1866 will support supply voltages ranging from +2.7 to +5.5
volts.
GND - Ground Terminal.
H - High-end Resistor. This is the high-end terminal of the potentiometer. It is not required that this
terminal be connected to a potential greater than the L-terminal. Maximum voltage on the H-terminal can
not exceed the power supply voltage, VCC, or go below ground.
L - Low-end Resistor. This is the low-end terminal of the potentiometer. It is not required that this
terminal be connected to a potential less than the H-terminal. Maximum voltage on the L-terminal can not
exceed the power-supply voltage, VCC, or go below ground.
W - Wiper of the Potentiometer. This pin is the wiper terminal of the potentiometer. Its position on the
resistor array is controlled by the 3-terminal parallel port. Maximum voltage on the W-terminal can not
exceed the power supply voltage, VCC, or go below ground.
P0 - Bit 0. P0 is the bit 0 data input to the parallel port.
P1 - Bit 1. P1 is the bit 1 data input to the parallel port.
P2 - Bit 2. P2 is the bit 2 data input to the parallel port.


Similar Part No. - DS1866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
More results

Similar Description - DS1866

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1866 MAXIM-DS1866 Datasheet
81Kb / 5P
   Log Trimmer Potentiometer
102199
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com