Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1834 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1834
Description  Dual EconoReset with Pushbutton
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1834 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1834 Datasheet HTML 1Page - Dallas Semiconductor DS1834 Datasheet HTML 2Page - Dallas Semiconductor DS1834 Datasheet HTML 3Page - Dallas Semiconductor DS1834 Datasheet HTML 4Page - Dallas Semiconductor DS1834 Datasheet HTML 5Page - Dallas Semiconductor DS1834 Datasheet HTML 6Page - Dallas Semiconductor DS1834 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS1834/A/D
6 of 7
ABSOLUTE MAXIMUM RATINGS*
Voltage on VIN Pin Relative to Ground
-0.5V to +7.0V
Voltage on RST (5V) Pin Relative to Ground
-0.5V to +0.5VIN + 0.5V (DS1834 & DS1834D)
Voltage on RST (3.3V) Pin Relative to Ground
-0.5V to +3.3VIN + 0.5V (DS1834 & DS1834D)
Voltage on PBRST & RST (DS1834A) Pin
Relative to Ground
-0.5 to the greater of 0.5VIN + 0.5V or 3VIN + 0.5V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
5VIN (Supply Voltage)
VIN
1.2
5.5
V
1
3VIN (Supply Voltage)
VIN
1.2
5.5
V
1
PBRST
Input High Level
VIH
2
VIN(MAX)
-0.4
VIN(MAX)
+0.3
V
V
1
1, 3
PBRST
Input Low Level
VIL
-0.3
0.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Voltage
VOH
VIN
-0.1V
V1
Input Leakage
IIL
-1.0
+1.0
µA4
Output Current @ 2.4V
IOH
350
µA5
Output Current @ 0.4V
IOL
+10
mA
5
Operating Current @
Ο 5.5VIN
ICC
50
µA6
Operating Current @
Ο 3.6VIN
ICC
35
µA7
5VIN Trip Point (TOL=GND)
VINTP
4.50
4.63
4.75
V
1
5VIN Trip Point (TOL=5VIN)VINTP
4.25
4.38
4.49
V
1
3.3VIN Trip Point (TOL=GND)
VINTP
2.80
2.88
2.97
V
1
3.3VIN Trip Point (TOL=3.3VIN)VINTP
2.47
2.55
2.64
V
1
Output Capacitance
COUT
10
pF


Similar Part No. - DS1834

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1834 MAXIM-DS1834 Datasheet
112Kb / 7P
   Dual EconoReset with Pushbutton
071700
DS1834A MAXIM-DS1834A Datasheet
112Kb / 7P
   Dual EconoReset with Pushbutton
071700
DS1834D MAXIM-DS1834D Datasheet
112Kb / 7P
   Dual EconoReset with Pushbutton
071700
More results

Similar Description - DS1834

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1834 MAXIM-DS1834 Datasheet
112Kb / 7P
   Dual EconoReset with Pushbutton
071700
logo
Dallas Semiconductor
DS1813 DALLAS-DS1813 Datasheet
59Kb / 5P
   5V EconoReset with Pushbutton
logo
Maxim Integrated Produc...
DS1813 MAXIM-DS1813 Datasheet
211Kb / 5P
   5V EconoReset with Pushbutton
REV: 022306
logo
Dallas Semiconductor
DS1818 DALLAS-DS1818 Datasheet
61Kb / 5P
   3.3V EconoReset with Pushbutton
logo
Maxim Integrated Produc...
DS1818 MAXIM-DS1818 Datasheet
117Kb / 6P
   3.3V EconoReset with Pushbutton
Rev 1; 3/15
DS1233M MAXIM-DS1233M Datasheet
120Kb / 4P
   EconoReset
041002
DS1833 MAXIM-DS1833 Datasheet
120Kb / 5P
   5V EconoReset
041002
DS1811 MAXIM-DS1811 Datasheet
119Kb / 5P
   5V EconoReset with Open Drain Output
041002
logo
Dallas Semiconductor
DS1233M DALLAS-DS1233M Datasheet
35Kb / 4P
   EconoReset
logo
Maxim Integrated Produc...
DS1233A MAXIM-DS1233A Datasheet
106Kb / 5P
   3.3V EconoReset
122001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com