Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN24603 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN24603
Description  245.76MHz SAW Filter 80MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN24603 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN24603 Datasheet HTML 1Page - SIPAT Co,Ltd LBN24603 Datasheet HTML 2Page - SIPAT Co,Ltd LBN24603 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN24603
Rev. Date
2013-10-16
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
245.76MHz SAW Filter
80MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBN24603
N24603
N24603
N24603
Typical Performance
Frequency Response
Passband Response
150
200
250
300
350
-103.3535
-93.3535
-83.3535
-73.3535
-63.3535
-53.3535
-43.3535
-33.3535
-23.3535
-13.3535
-3.3535
Type Performance
Frequency(MHz)
200
210
220
230
240
250
260
270
280
290
-15.8535
-15.3535
-14.8535
-14.3535
-13.8535
-13.3535
-12.8535
-12.3535
-11.8535
-11.3535
-10.8535
Type Performance
Frequency(MHz)
Horizontal: 50MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
200
220
240
260
280
300
100
150
200
250
300
350
400
450
500
Type Performance
Frequency(MHz)
X: 285.8
Y : 305.7
X: 205.8
Y : 305.1
200
220
240
260
280
300
-25
-20
-15
-10
-5
0
5
10
15
Type Performance
Frequency(MHz)
X: 285.8
Y : 4.397
X: 205.8
Y : -6.27
Horizontal: 20MHz/Div
Vertical: 50ns/Div
Horizontal: 20MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN24603

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN24005 SIPAT-LBN24005 Datasheet
178Kb / 3P
   240MHz SAW Filter 59MHz Bandwidth
LBN24005 SIPAT-LBN24005 Datasheet
178Kb / 3P
   240MHz SAW Filter 59MHz Bandwidth
More results

Similar Description - LBN24603

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN08026 SIPAT-LBN08026 Datasheet
149Kb / 3P
   80MHz SAW Filter 15.1MHz Bandwidth
LBN08029 SIPAT-LBN08029 Datasheet
142Kb / 3P
   80MHz SAW Filter 10MHz Bandwidth
LBS08036 SIPAT-LBS08036 Datasheet
145Kb / 3P
   80MHz SAW Filter 0.1MHz Bandwidth
LBS08030 SIPAT-LBS08030 Datasheet
142Kb / 3P
   80MHz SAW Filter 3MHz Bandwidth
LBN08025 SIPAT-LBN08025 Datasheet
147Kb / 3P
   80MHz SAW Filter 24.1MHz Bandwidth
LBN08027 SIPAT-LBN08027 Datasheet
139Kb / 3P
   80MHz SAW Filter 6MHz Bandwidth
LBN18404 SIPAT-LBN18404 Datasheet
259Kb / 3P
   184.32MHz SAW Filter 80MHz Bandwidth
LBN08011 SIPAT-LBN08011 Datasheet
138Kb / 3P
   80MHz SAW Filter 10MHz Bandwidth
LBT08031 SIPAT-LBT08031 Datasheet
143Kb / 3P
   80MHz SAW Filter 5MHz Bandwidth
LBN08017 SIPAT-LBN08017 Datasheet
139Kb / 3P
   80MHz SAW Filter 24MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com