Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN22402 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN22402
Description  224MHz SAW Filter 30MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN22402 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN22402 Datasheet HTML 1Page - SIPAT Co,Ltd LBN22402 Datasheet HTML 2Page - SIPAT Co,Ltd LBN22402 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN22402
Rev. Date
2011-05-13
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
224MHz SAW Filter
30MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN22402
Features
For IF SAW filter
Balanced operation possible
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
224
-
Insertion Loss
dB
-
8.2
10
1 dB Bandwidth
MHz
30
32.4
-
Passband Variation(f0±15MHz)
dB
-
0.7
1.5
VSWR(f0±15MHz)
-
-
2.8/2.4
-
Group Delay Variation(f0±15MHz)
nsec
-
70
150
Absolute Delay
usec
-
0.6
-
f0-200MHz
dB
45
60
-
f0-200MHz to f0-40MHz
dB
45
48
-
f0-40MHz to f0-30MHz
dB
40
45
-
f0-30MHz
dB
40
47
-
f0-30MHz to f0-20MHz
dB
20
34
-
f0-20MHz
dB
20
34
-
f0-20MHz to f0-17.5MHz
dB
-
8
-
f0-17.5MHz
dB
-
8
-
f0+17.5MHz
dB
-
4
-
f0+17.5MHz to f0+20MHz
dB
-
4
-
f0+20MHz
dB
10
36
-
f0+20MHz to f0+30MHz
dB
10
35
-
f0+30MHz
dB
40
46
-
f0+30MHz to f0+40MHz
dB
40
44
-
f0+40MHz to f0+200MHz
dB
45
48
-
f0+200MHz
dB
45
78
-
Ultimate Rejection
f0+2GHz to f0+3.6GHz
dB
45
52
-
Material Temperature coefficient
KHz/°C
-18.4
Substrate Material
-
128LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-40
-
+85
DC Voltage
V
0


Similar Part No. - LBN22402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
   224MHz SAW Filter 30MHz Bandwidth
More results

Similar Description - LBN22402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
   224MHz SAW Filter 30MHz Bandwidth
LB385DS01 SIPAT-LB385DS01 Datasheet
146Kb / 3P
   385MHz SAW Filter 30MHz Bandwidth
LBT84705 SIPAT-LBT84705 Datasheet
176Kb / 3P
   847MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LB070DS26 SIPAT-LB070DS26 Datasheet
142Kb / 3P
   70MHz SAW Filter 30MHz Bandwidth
LBT84704 SIPAT-LBT84704 Datasheet
166Kb / 3P
   847MHz SAW Filter 30MHz Bandwidth
LBT94502 SIPAT-LBT94502 Datasheet
197Kb / 3P
   945MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
LBN10012 SIPAT-LBN10012 Datasheet
144Kb / 3P
   100MHz SAW Filter 30MHz Bandwidth
LBN41506 SIPAT-LBN41506 Datasheet
327Kb / 3P
   415MHz SAW Filter 30MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com