Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHSB046-N5 Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NHSB046-N5
Description  SPECIFICATIONS FOR LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NHSB046-N5 Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NHSB046-N5 Datasheet HTML 3Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 4Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 5Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 6Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 7Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 8Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 9Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 10Page - NICHIA CORPORATION NHSB046-N5 Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NICHIA STS-DA1-2305A <Cat.No.130604>
6
TAPE AND REEL DIMENSIONS
Cathode Mark
-0
Φ
1+0.2
STS-DA7-0164A
Reel Size: 3000pcs
数量は
1リールにつき 3000
個入りです
*
Nxxx046x
トレーラ部
/リーダ部 Trailer and Leader
Top Cover Tape
引き出し方向
LED装着部
リーダ部最小
400mm
トレーラ部最小
160mm()
空部
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部最小
100mm()
空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806
電子部品テーピングに準拠しています
管理番号
No.
(単位 Unit: mm)
リール部
Reel
f 13
±0.2
f 21
±0.8
ラベル
Label
11.4±1
9±0.3
180+0
-3
-0
Φ
1.5+0.1
テーピング部
Tape
4±0.1
4±0.1
2±0.05
1.48±0.1
0.25±0.05
1.51±0.1
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
*
実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合
エンボスキャリアテープを強く
(10N以上)
締めないで下さい
LED
がカバーテープに貼り付く可能性があります


Similar Part No. - NHSB046-N5

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSB046-N3 NICHIA-NHSB046-N3 Datasheet
282Kb / 18P
   SPECIFICATIONS FOR LED
NHSB046-NA NICHIA-NHSB046-NA Datasheet
273Kb / 17P
   SPECIFICATIONS FOR LED
More results

Similar Description - NHSB046-N5

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSB046-NA NICHIA-NHSB046-NA Datasheet
273Kb / 17P
   SPECIFICATIONS FOR LED
NHSB046-N3 NICHIA-NHSB046-N3 Datasheet
282Kb / 18P
   SPECIFICATIONS FOR LED
NC4U133A NICHIA-NC4U133A Datasheet
293Kb / 17P
   SPECIFICATIONS FOR UV LED
NCSU033B NICHIA-NCSU033B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NF2W757DR-V1 NICHIA-NF2W757DR-V1 Datasheet
347Kb / 22P
   SPECIFICATIONS FOR WHITE LED
NESW064AT NICHIA-NESW064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NHSG064 NICHIA-NHSG064 Datasheet
297Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NSDW510GS-K1 NICHIA-NSDW510GS-K1 Datasheet
230Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NESW157D NICHIA-NESW157D Datasheet
308Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NNSW208C NICHIA-NNSW208C Datasheet
294Kb / 18P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com