Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN19203 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN19203
Description  192MHz SAW Filter 40MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN19203 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN19203 Datasheet HTML 1Page - SIPAT Co,Ltd LBN19203 Datasheet HTML 2Page - SIPAT Co,Ltd LBN19203 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN19203
Rev. Date
2010-10-29
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
192MHz SAW Filter
40MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN19203
Typical Performance
Frequency Response
Passband Response
100
120
140
160
180
200
220
240
260
280
-99.4463
-89.4463
-79.4463
-69.4463
-59.4463
-49.4463
-39.4463
-29.4463
-19.4463
-9.4463
0.5537
Type Performance
Frequency(MHz)
160
170
180
190
200
210
220
230
-11.9463
-11.4463
-10.9463
-10.4463
-9.9463
-9.4463
-8.9463
-8.4463
-7.9463
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±20MHz)
Phase Linearity(f0±20MHz)
170
180
190
200
210
220
160
180
200
220
240
260
280
300
320
X: 192
Y: 240.9
Type Performance
Frequency(MHz)
X: 212
Y: 232.8
X: 172
Y: 248.2
170
180
190
200
210
220
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
X: 172
Y: -1.856
Type Performance
Frequency(MHz)
X: 212
Y: 2.544
X: 192
Y: 0.323
Horizontal: 10MHz/Div
Vertical: 20ns/Div
Horizontal: 10MHz/Div
Vertical: 5deg/Div
VSWR11(f0±20MHz)
VSWR22(f0±20MHz)
160
170
180
190
200
210
220
230
0.5
1
1.5
2
2.5
3
3.5
X: 172
Y: 1.797
Type Performance (VSWR1)
Frequency(MHz)
X: 192
Y: 1.102
X: 212
Y: 1.622
160
170
180
190
200
210
220
230
1
1.5
2
2.5
3
3.5
X: 172
Y: 1.719
Type Performance (VSWR2)
Frequency(MHz)
X: 192
Y: 1.626
X: 212
Y: 1.922


Similar Part No. - LBN19203

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
   192MHz SAW Filter 40MHz Bandwidth
More results

Similar Description - LBN19203

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
   192MHz SAW Filter 40MHz Bandwidth
LBN19209 SIPAT-LBN19209 Datasheet
319Kb / 3P
   192MHz SAW Filter 37MHz Bandwidth
LBN19208 SIPAT-LBN19208 Datasheet
324Kb / 3P
   192MHz SAW Filter 25MHz Bandwidth
LBN19204 SIPAT-LBN19204 Datasheet
151Kb / 3P
   192MHz SAW Filter 32MHz Bandwidth
LBN19204 SIPAT-LBN19204 Datasheet
151Kb / 3P
   192MHz SAW Filter 32MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
   130MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
   130MHz SAW Filter 40MHz Bandwidth
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter 40MHz Bandwidth
LB140DS48 SIPAT-LB140DS48 Datasheet
367Kb / 9P
   140MHz SAW Filter 40MHz Bandwidth
LBT144701 SIPAT-LBT144701 Datasheet
172Kb / 3P
   1447MHz SAW Filter 40MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com