Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1743-70 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1743-70
Description  Y2KC Nonvolatile Timekeeping RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1743-70 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1743-70 Datasheet HTML 2Page - Dallas Semiconductor DS1743-70 Datasheet HTML 3Page - Dallas Semiconductor DS1743-70 Datasheet HTML 4Page - Dallas Semiconductor DS1743-70 Datasheet HTML 5Page - Dallas Semiconductor DS1743-70 Datasheet HTML 6Page - Dallas Semiconductor DS1743-70 Datasheet HTML 7Page - Dallas Semiconductor DS1743-70 Datasheet HTML 8Page - Dallas Semiconductor DS1743-70 Datasheet HTML 9Page - Dallas Semiconductor DS1743-70 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS1743/DS1743P
6 of 17
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-40
°C to +85°C
Soldering Temperature
See J-STD-020A Specification (See Note 8)
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied.
Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
OPERATING RANGE
Range
Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 10% or 5V ± 10%
RECOMMENDED DC OPERATING CONDITIONS
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1 Voltage All Inputs
VCC = 5V
±10%
VIH
2.2
VCC +0.3V
V
1
VCC = 3.3V
±10%
VIH
2.0
VCC +0.3V
V
1
Logic 0 Voltage All Inputs
VCC = 5V
±10%
VIL
-0.3
0.8
V
1
VCC = 3.3V
±10%
VIL
-0.3
0.6
V
1
DC ELECTRICAL CHARACTERISTICS
(Over the Operating Range; VCC = 5.0V
± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
15
50
mA
2, 3
TTL Standby Current
( CE =VIH , CE2=VIL)
ICC1
13
mA
2, 3
CMOS Standby Current
( CE
≥=V
CC - 0.2V, CE2=
GND + 0.2V)
ICC2
13
mA
2, 3
Input Leakage Current
(any input)
IIL
-1
+1
µA
Output Leakage Current
(any output)
IOL
-1
+1
µA
Output Logic 1 Voltage
(IOUT = -1.0 mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = 2.1 mA)
VOL1
0.4
1
Write Protection Voltage
VPF
4.25
4.50
V
1
Battery Switch-over Voltage
VSO
VBAT
1, 4


Similar Part No. - DS1743-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1743-100++ MAXIM-DS1743-100+ Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
DS1743-100IND++ MAXIM-DS1743-100IND+ Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
DS1743-85++ MAXIM-DS1743-85+ Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
More results

Similar Description - DS1743-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com